Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR03X Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPR03X
Description  Proximity Capacitive Touch Sensor Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR03X Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPR03X Datasheet HTML 19Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 20Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 21Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 22Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 23Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 24Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 25Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 26Page - Freescale Semiconductor, Inc MPR03X Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
MPR03X
Sensors
Freescale Semiconductor
23
Preliminary
9
Touch Detection
9.1
Introduction
The MPR03X uses a threshold based system to determine when touches occur. This section will describe that mechanism.
9.2
Thresholds
When a touch pad is pressed, an increase in capacitance will be generated. The resulting effect will be a reduction in the ADC
counts. When the difference between the second level filter value and the third level filter value is significant, the system will
detect a touch. When a touch is detected, there are a couple of effects: the third level filter output becomes fixed (refer to
Section 8.4), an interrupt is generated (refer to Section 6), and the touch status register (Section 5.2) is updated.
The touch detection system is controlled using two threshold registers for each independent electrode. The Touch Threshold
register represents the delta at which the system will trigger a touch. The Release Threshold represents the difference at which
a release would be detected. In either case the system will respond by changing the previously mentioned items.
9.2.1
Touch Threshold Register
The Touch Threshold Register is used to set the touch threshold for each of the electrodes. The address of the ELE0 Touch
Threshold Register is 0x29. The address of the ELE1 Touch Threshold Register is 0x2A. The address of the ELE2 Touch
Threshold Register is 0x2B.
Figure 30. Touch Threshold Register
9.2.2
Release Threshold Register
The Release Threshold Register is used to set the release threshold for each of the electrodes. The address of the ELE0 Release
Threshold Register is 0x2C. The address of the ELE1 Release Threshold Register is 0x2D. The address of the ELE2 Release
Threshold Register is 0x2E.
Figure 31. Release Threshold Register
7
6
543210
R
TTH
W
Reset:
0
0
000000
= Unimplemented
Table 17. Touch Threshold Register Field Descriptions
Field
Description
7:0
TTH
Touch Threshold – The Touch Threshold Byte sets the trip point for detecting a
touch.
00000000 Encoding 0
~
11111111 Encoding 255
7
6
543210
R
RTH
W
Reset:
0
0
000000
= Unimplemented
Table 18. Release Threshold Register Field Descriptions
Field
Description
7:0
RTH
Release Threshold – The Release Threshold Byte sets the trip point for detecting
a touch.
00000000 Encoding 0
~
11111111 Encoding 255



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com