Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # MPC5565
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button MPC5565 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
Revision History for the MPC5565 Data Sheet
MPC5565 Microcontroller Data Sheet, Rev. 2.0
Freescale Semiconductor
49
5
Revision History for the MPC5565 Data Sheet
The history of revisions made to this data sheet are shown in this section. The changes are divided into
each revision of this document. The substantive changes incorporated in MPC5565 Data Sheet Rev. 1.0 to
produce Rev. 2.0 of this document are grouped as follows:
Global and text changes
Table and figure changes
Within each group, the changes are listed in sequential order.
5.1
Changes to Revision 1.0 in Revision 2.0
The following table lists the substantive text changes made to paragraphs.
Table 28. Text Changes Between Rev. 1.0 and 2.0
Location
Description of Changes
Throughout:
Changed ‘TA = TL – TH’ to ‘TA = TL to TH.’
Title page:
Changed the Revision number from 1.0 to 2.0. Made the same changes in the lower left corner of the back page.
Section 1, “Overview”
• Fourth paragraph, First sentence: Deleted ‘of the MPC5500 family’; Second to last sentence: Deleted ‘can’.
• Fifth paragraph, First sentence: Replaced ‘MPC5500 family’ with ‘MPC5565’; Last sentence: Replaced ‘can be’
with ‘is’.
• Sixth paragraph, First sentence: Replaced ‘MPC5500 family’ with ‘MPC5565’;
• Second to last paragraph: Rewrote to read: The MCU has an on-chip enhanced queued dual analog-to-digital
converter (eQADC) The 324 package has 40-channels.
Section 3.1, “Maximum Ratings:
Changed title from ‘Maximum Rating’ to ‘Maximum Ratings.’
Section 3.2.1, “General Notes for Specifications at Maximum Junction Temperature”
Updated the address of Semiconductor Equipment and Materials International
3081 Zanker Rd.
San Jose, CA., 95134
(408) 943-6900
Section 3.7, “Power-Up/Down Sequencing”
Last paragraph: Changed the first sentence FROM , , , the voltage on the pins goes to high-impedance until . . .
TO. . .the pins go to a high-impedance state until . . .
Section 3.7.3, “Power-Down Sequence (VRC33 Grounded)”
Last sentence: Changed from: ‘This ensures that the digital 1.5 V logic, which is reset by the ORed POR only and
can cause the 1.5 V supply to decrease below its specification, is reset properly.’
To: ‘This ensures that the digital 1.5 V logic, which is reset only by an ORed POR and can cause the 1.5 V supply
to decrease less than its specification, resets correctly.’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com