Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5565 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # MPC5565
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5565 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button MPC5565 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5565 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
MPC5565 Microcontroller Data Sheet, Rev. 2.0
Revision History for the MPC5565 Data Sheet
Freescale Semiconductor
52
5.2
Changes to Revision 0.0 in Revision 1.0
The following table lists the information that changed in the tables between Rev. 0.0 and 1.0.
Table 30. MPC5565 Changes Between Rev. 0.0 and 1.0
Location
Description of Changes
Table 6 VCR/POR Electrical Specifications:
• Added footnote 1 to specs 1, 2, and 3 that reads: On power up, assert RESET before VPOR15, VPOR33, and VPOR5
negate (internal POR). RESET must remain asserted until the power supplies are within the operating conditions
as specified in Table 9 DC Electrical Specifications. On power down, assert RESET before any power supplies
fall outside the operating conditions and until the internal POR asserts.
Table 9 DC Electrical Specifications:
• Added (TA = TL to TH) to the table title.
Table 22 Bus Operation Timing:
• External Bus Frequency in the table heading: Added footnote that reads: Speed is the nominal maximum
frequency. Max speed is the maximum speed allowed including frequency modulation (FM). 82 MHz parts allow
for 80 MHz system clock + 2% FM; 114 MHz parts allow for 112 MHz system clock + 2% FM, and 135 MHz parts
allow for 132 MHz system clock + 2% FM.
• Specifications 5, 6, 7, and 8: Reordered the EBI signals within each specification.
• Specs 7 and 8: Removed from external bus interface: BDIP, OE, and WE/BE[0:3].
• Footnote 1: Removed VDD = 1.35–1.65 V, and VDD33 and VDDSYN = 3.0–3.6 V.
Table 25 eMIOS Timing:
• Deleted (MTS) from the heading, table, and footnotes.
• Footnote 1: Deleted ‘. . .fSYS = 132 MHz. . .’, ‘. . .VDD33 and VDDSYN = 3.0–3.6 V. . .’ and ‘ . . .and CL = 200 pF
with SRC = 0b11.’
• Added Footnote 2: ‘This specification does not include the rise and fall times. When calculating the minimum
eMIOS pulse width, include the rise and fall times defined in the slew rate control fields (SRC) of the pad
configuration registers (PCR).’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com