Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083Q Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part # MPR083Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083Q Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Back Button MPR083Q Datasheet HTML 10Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 11Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 12Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 13Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 14Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 15Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 16Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 17Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 18Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
MPR083
Sensors
14
Freescale Semiconductor
Preliminary
4.7
Configuration Register
The Configuration Register allows a user to reset the part, adjust Interrupt settings, and change the mode. The I2C slave address
of the Configuration Register is 0x0A.
Figure 17. Configuration Register
4.8
Attention Pin
The Attention (ATTN) pin allows a user to externally set the Configuration Register’s DCE bit high. This is latched on a high to
low transition. Since the current mode of the device is enabled through the DCE this will cause duty cycling to be disabled and
change the current mode from Run2 to Run1, or Stop2 to Stop1 (depending on the previous state).
When in Run2 or Stop2 modes this is the only way to enable the I2C communication.
7
6
543210
R
RST
0
DCE
IRQEN
RUNE
W
Reset:
0
0
010100
= Unimplemented
Table 10. Configuration Register Field Descriptions
Field
Description
7:5
IRQR
Interrupt Rate – The Interrupt Rate Field selects the amount to multiply the MTP by
to determine the minimum delay between sequential Interrupts.
000 Encoding 0 – Sets the IRQR multiplication factor to 1
~
111 Encoding 7 – Sets the IRQR multiplication factor to 8
4
RST
Reset – Asserts a global reset of the sensor controller.
0 Reset Asserted
1 Reset Not Asserted
2
DCE
Duty Cycle Enable – The Duty Cycle Enable bit enables or disables duty cycling on
the MPR083. This bit is active low.
0 Duty Cycle Enabled (2 modes)
1 Duty Cycle Disabled (1 modes)
1
IRQEN
Interrupt Enable – The Interrupt Enable bit enables or disables the IRQ
Functionality.
0 IRQ Disabled
1 IRQ Enabled
0
RUNE
Run Mode Enable – The Run Mode Enable bit enables or disables scanning of the
electrodes for touch detection. This bit is active high.
0 Electrode Scanning Disabled (Stop modes)
1 Electrode Scanning Enabled (Run modes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com