Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPR083Q Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPR083Q
Description  Proximity Capacitive Touch Sensor Controller
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPR083Q Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPR083Q Datasheet HTML 1Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 2Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 3Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 4Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 5Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 6Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 7Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 8Page - Freescale Semiconductor, Inc MPR083Q Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
MPR083
Sensors
2
Freescale Semiconductor
Preliminary
1
Device Overview
1.1
Introduction
Freescale Semiconductor’s MPR083 proximity capacitive touch sensor controller is one of a family of products designed to detect
the state of capacitive touch pads. The MPR083 offers designers a cost-efficient alternative to mechanical rotary switches for
control panel applications.
The MPR083 uses an I2C interface to communicate with the host which configures the operation and an interrupt to advise the
host of status changes. The MPR083 includes a piezo sounder drive which provides audible feedback to simulate mechanical
key clicks. The MPR08X family has several implementations to use in your design including control panels and switch
replacements. The MPR083 controls rotary and linear sliders. Other members of the MPR08X family are well suited for other
application interface situations such as individual touch pads or rotary/touch pad combinations.
Freescale offers a broad portfolio of proximity sensors for products ranging from appliance control panels to portable electronics.
Target markets include consumer, appliance, industrial, medical and computer peripherals.
1.1.1
Devices in the MPR08X series
The MPR08X series of Proximity Capacitive Touch Sensor Controllers allows for a wide range of applications and
implementations. Each of the products in Table 1 perform a different application specific task and are optimized for this specific
functionality.
1.1.2
Internal Block Diagram
The MPR083 consists of primary functional blocks; Interrupt Controller, I2C Serial Interface, Sounder Controller, Configuration
and Status registers, Rotary Position Decoder, Magnitude Comparator and Recalibrator, EMI Burst/Noise Rejection Filter,
Capacitance Measurement Analog Front End. Each of these blocks will be described in detail in their respective sections.
Figure 2. Functional Block Diagram
Table 1. MPR08X family Overview
Product
Bus
Sounder
Rotary/Slider
Touch Pad Array
MPR083
I2C
Yes
8-positions
—
MPR084
I2C
Yes
—
8 keys
8
8
8
ROTARY
POSITION
ROTARY
POSITION
IRQ
SDA
SCL
I2C
SERIAL
INTERFACE
INTERRUPT
CONTROLLER
MASKS
SET
RATE
ATTN
AD0
SOUNDER
SOUNDER
DRIVER
CONTROLLER
8 POSITION ROTARY
1
4
3
2
8
7
6
5
CLEAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com