Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH112 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH112
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH112 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH112 Datasheet HTML 1Page - STMicroelectronics TSH112 Datasheet HTML 2Page - STMicroelectronics TSH112 Datasheet HTML 3Page - STMicroelectronics TSH112 Datasheet HTML 4Page - STMicroelectronics TSH112 Datasheet HTML 5Page - STMicroelectronics TSH112 Datasheet HTML 6Page - STMicroelectronics TSH112 Datasheet HTML 7Page - STMicroelectronics TSH112 Datasheet HTML 8Page - STMicroelectronics TSH112 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1/19
s LOW NOISE: 3nV/√Hz
s LOW SUPPLY CURRENT: 3.2mA
s 47mA OUTPUT CURRENT
s BANDWIDTH: 100MHz
s 5V to 12V SUPPLY VOLTAGE
s SLEW-RATE: 450V/
µs
s SPECIFIED FOR 100Ω Load
s VERY LOW DISTORTION
s TINY: SOT23-5, TSSOP and SO PACKAGES
DESCRIPTION
The singles TSH110 and TSH111, the dual
TSH112, the triple TSH113 and the quad TSH114
are current feedback operational amplifiers featur-
ing a very high slew rate of 450V/µs and a large
bandwidth of 100MHz, with only a 3.2mA quies-
cent supply current. The TSH111 and TSH113
feature a Standby function for each operator. This
function is a power down mode with a high output
impedance.
These devices operate from
±2.5V to ±6V dual
supply voltage or from 5V to 12V single supply
voltage. They are able to drive a 100
Ω load with a
swing of 9V minimum (for a 12V power supply).
The harmonic and intermodulation distortions of
these devices are very low, making this circuit a
good choice for applications requiring wide band-
width with multiple carriers.
For board space and weight saving, the TSH110
comes
in
miniature
SOT23-5
package,
the
TSH111 comes in SO8 and TSSOP8 packages,
the TSH112 comes in SO8 and TSSOP8 packag-
es, the TSH113 and TSH114 comes in SO14 and
TSSOP14 packages.
APPLICATIONS
s High End Video Drivers
s Receiver for xDSL
s A/D Converter Driver
s High End Audio Applications
PIN CONNECTIONS (top view)
1
2
3
5
4
VCC -
VCC +
+ -
Non Inverting Input
Inverting Input
TSH110 : SOT23-5
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH111 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH112 : SO8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH113 : SO14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH114 : SO14/TSSOP14
Output 1
2
3
5
4
VCC -
VCC +
+ -
Non Inverting Input
Inverting Input
TSH110 : SOT23-5
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH111 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH112 : SO8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH113 : SO14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH114 : SO14/TSSOP14
Output
TSH110-111-112-113-114
WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
February 2002


Similar Part No. - TSH112

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH112 STMICROELECTRONICS-TSH112 Datasheet
166Kb / 2P
High-speed operational amplifier evaluation board kit
May-2005
TSH112 STMICROELECTRONICS-TSH112 Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
TSH112ID STMICROELECTRONICS-TSH112ID Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
TSH112IDT STMICROELECTRONICS-TSH112IDT Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
TSH112IPT STMICROELECTRONICS-TSH112IPT Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
More results

Similar Description - TSH112

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE5534 TI-NE5534 Datasheet
314Kb / 15P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSH60 STMICROELECTRONICS-TSH60 Datasheet
222Kb / 13P
Wide-Band, Low-Power Operational Amplifiers with Standby
Mar-2006
logo
Texas Instruments
NE5534 TI-NE5534_07 Datasheet
459Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
NE5534 TI-NE5534_08 Datasheet
489Kb / 18P
LOW-NOISE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TSH70 STMICROELECTRONICS-TSH70_06 Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH110 STMICROELECTRONICS-TSH110_07 Datasheet
177Kb / 15P
Wide band low noise operational amplifiers
22-Oct-2007
logo
Rohm
BA4558F ROHM-BA4558F_09 Datasheet
864Kb / 34P
Operational Amplifiers: Low Noise
BA14741F ROHM-BA14741F Datasheet
426Kb / 21P
Low Noise Operational Amplifiers
BA2115FJ ROHM-BA2115FJ Datasheet
1Mb / 29P
Low Noise Operational Amplifiers
BA4558XXX ROHM-BA4558XXX Datasheet
561Kb / 29P
Low Noise Operational Amplifiers
4.SEP.2012 Rev.003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com