Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH112 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH112
Description  WIDE BAND, LOW NOISE OPERATIONAL AMPLIFIERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH112 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH112 Datasheet HTML 6Page - STMicroelectronics TSH112 Datasheet HTML 7Page - STMicroelectronics TSH112 Datasheet HTML 8Page - STMicroelectronics TSH112 Datasheet HTML 9Page - STMicroelectronics TSH112 Datasheet HTML 10Page - STMicroelectronics TSH112 Datasheet HTML 11Page - STMicroelectronics TSH112 Datasheet HTML 12Page - STMicroelectronics TSH112 Datasheet HTML 13Page - STMicroelectronics TSH112 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
TSH110-TSH111-TSH112-TSH113-TSH114
10/19
(fig.13): Icc(-) vs. Power Supply
Open loop, no load
(fig.15): Iib(-) vs. Power Supply
Open loop, no load
(fig.17): Vol vs. Power Supply
Open loop, RL=100Ω
(fig.14): Icc(+) vs. Power Supply
Open loop, no load
(fig.16): Iib(+) vs. Power Supply
Open loop, no load
(fig.18): Voh vs. Power Supply
Open loop, RL=100Ω
56
789
10
11
12
-3.9
-3.8
-3.7
-3.6
-3.5
-3.4
-3.3
V
cc
(V)
56789
10
11
12
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
V
cc
(V)
56
78
9
10
11
12
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
V
cc
(V)
56789
10
11
12
3.3
3.4
3.5
3.6
3.7
3.8
3.9
V
cc
(V)
56789
10
11
12
0.0
0.2
0.4
0.6
0.8
1.0
V
cc
(V)
56789
10
11
12
2.0
2.5
3.0
3.5
4.0
4.5
5.0
V
cc
(V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com