Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-ACT Datasheet(PDF) 2 Page - AEL Crystals Ltd

Part # X-ACT
Description  Quartz Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

X-ACT Datasheet(HTML) 2 Page - AEL Crystals Ltd

  X-ACT Datasheet HTML 1Page - AEL Crystals Ltd X-ACT Datasheet HTML 2Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specify
X-ACT Package Options
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
Packages Available
54
www.aelcrystals.co.uk
25.4
25.4
Q
Q
p
p
x-act
x-act
3D100SE12S10
3D100SE12S10
20 MHz
009 1001892
20 MHz
009 1001892
23.5
4.0
23.5
4.0
Pin
Connection
1
VC Control Voltage
2
Vref
3
VCC Supply Voltage
4
Out
5
“0”-Level = Alarm
6
Ground
7
Ground
6&7 Should be common
Pin
Connection
1
VC Control Voltage
2
Vref
3
VCC Supply Voltage
4
Out
5
N.C
6
N.C
7
Ground
18.3 sq
18.3 sq
H
H
H =
mm
Ver. 2522-2AA
11.2
Ver. 2522-2AB
10.0
Ver. 2522-3AA
14.0
Depending on Freq/Stab
options
H =
mm
Ver. 2522-1BA
11.2
Ver. 2522-1BB
10.0
Ver. 2522-4AA
14.0
Depending on Freq/Stab
options
4
4
5
6
7
7
3
3
2
2
1
1
7
7
6
6
5
5
4
4
1
1
2
2
3
3
35.6
25.4
17.7
Bottom
View
Side View
H
Pin
Connection
1
VC Control Voltage
2
Vref/N.C
3
VCC Supply Voltage
4
Out
5
Ground
H
mm
A
16.5
B
13.7
C
18.8
OCXO2522-2A
OCXO2522-3A (14mm)
OCXO2522-1B
OCXO2522-4A (14mm)
OCXO2636-1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com