Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X-ACT Datasheet(PDF) 1 Page - AEL Crystals Ltd

Part # X-ACT
Description  Quartz Crystal Oscillators
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEL [AEL Crystals Ltd]
Direct Link  http://www.aelcrystals.co.uk
Logo AEL - AEL Crystals Ltd

X-ACT Datasheet(HTML) 1 Page - AEL Crystals Ltd

  X-ACT Datasheet HTML 1Page - AEL Crystals Ltd X-ACT Datasheet HTML 2Page - AEL Crystals Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specify
X-ACT OCXO
q u a r t z
b a s e d
f r e q u e n c y
c o n t r o l
c o m p o n e n t s
Order Hotline +44 1293 524245
www.aelcrystals.co.uk
sales@aelcrystals.co.uk
FEATURES
APPLICATIONS
GENERAL
SPECIFICATION
Wide Frequency Range
±
10 to ±50PPB Stability
Low Phase Noise
Stratum 3 Compatible
Cellular Base Stations
Telecommunications
Test & Measurement
Microwave & Satellite Links
53
www.aelcrystals.co.uk
Model Number
30 000
30 000
30 000
30 000
Series
SA50H25
SA12H25
SA50S25
SA12S25
Frequency Range
2 ~ 65 MHz
2 ~ 65 MHz
2 ~ 65 MHz
2 ~ 65 MHz
Operating
0
oC to + 70oC
0
oC to + 70oC
0
oC to + 70oC
0
oC to + 70oC
Storage
-55
oC to +125oC -55oC to +125oC
-55
oC to +125oC
-55
oC to +125oC
Input Voltage
5V DC
12V DC
5V DC
12V DC
During Warm -Up 25
oC
2.5W
2.5W
2.5W
2.5W
0
oC
< 1.2W
< 1.2W
< 1.2W
< 1.2W
25
oC
< 0.9W
< 0.9W
< 0.9W
< 0.9W
v Temperature
+/-50ppb
+/-50ppb
+/-50ppb
+/-50ppb
v Short term Stab.
Per Day
1x10
-10
1x10
-10
1x10
-10
1x10
-10
v Long Term Stab.
1ppb
1ppb
1ppb
1ppb
@
1 Hz
<- 80 dBc
<- 80 dBc
<- 80 dBc
<- 80 dBc
@
10 Hz
<-110 dBc
<-110 dBc
<-110 dBc
<-110 dBc
@
100 Hz
<-135 dBc
<-135 dBc
<-135 dBc
<-135 dBc
@
1 kHz
<-140 dBc
<-140 dBc
<-140 dBc
<-140 dBc
@
10 kHz
<-145 dBc
<-145 dBc
<-145 dBc
<-145 dBc
Type
Hcmos
Hcmos
Sine
Sine
Load
15pF
15pF
> 0 dBm/50 Ohm s > 0 dBm/50 Ohm s
Voltage
0.5~4.5V
0.5~4.5V
0.5~4.5V
0.5~4.5V
Impedence
200 kOhms
200 kOhms
200 kOhms
200 kOhms
Transfer Slope
Positive
Positive
Positive
Positive
Tuning Range
+/-2.5ppm
+/-2.5ppm
+/-2.5ppm
+/-2.5ppm
Temperature Range
Power Consumption
Output
Voltage Control
Steady State
Frequency Stabili ty
Phase Noise
Other Options Available
Alternate Supply Voltages:
Standard Frequencies
Tape & Reel
Through Hole Packages
5V; 9V; 12V DC
5MHz; 10MHz; 13MHz; 16.384MHz; 19.440 MHz; 20MHz
26 MHz - All usually available within 4 Weeks
SMD versions available 200pcs/Reel
Industry standard through-hole packages also readily
available


Similar Part No. - X-ACT

ManufacturerPart #DatasheetDescription
logo
Leach International Cor...
X-A1A LEACH-X-A1A Datasheet
563Kb / 5P
RELAY – NONLATCH 2PDT, LOW LEVEL TO 5 AMP
X-A1A-XXX LEACH-X-A1A-XXX Datasheet
563Kb / 5P
RELAY – NONLATCH 2PDT, LOW LEVEL TO 5 AMP
X-A1B-XXX LEACH-X-A1B-XXX Datasheet
563Kb / 5P
RELAY – NONLATCH 2PDT, LOW LEVEL TO 5 AMP
X-A1C-XXX LEACH-X-A1C-XXX Datasheet
563Kb / 5P
RELAY – NONLATCH 2PDT, LOW LEVEL TO 5 AMP
X-A1M-XXX LEACH-X-A1M-XXX Datasheet
563Kb / 5P
RELAY – NONLATCH 2PDT, LOW LEVEL TO 5 AMP
More results

Similar Description - X-ACT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX-1V-03 STATEK-CX-1V-03 Datasheet
81Kb / 2P
Miniature Quartz Crystal for Pierce Oscillators
CX-1H-03 STATEK-CX-1H-03 Datasheet
78Kb / 2P
Miniature Quartz Crystal for Series Oscillators
CX3VSM STATEK-CX3VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
CX1HSM STATEK-CX1HSM Datasheet
479Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
CX2VSM STATEK-CX2VSM Datasheet
467Kb / 2P
Miniature Surface Mount Quartz Crystal for Pierce Oscillators
logo
AEL Crystals Ltd
VH2516.3840001 AEL-VH2516.3840001 Datasheet
136Kb / 4P
Quartz Crystal Oscillators
logo
STATEK CORPORATION
CX1H STATEK-CX1H_08 Datasheet
165Kb / 2P
Miniature Quartz Crystal for Series Oscillators
CX1V STATEK-CX1V_08 Datasheet
153Kb / 2P
Miniature Quartz Crystal for Pierce Oscillators
CX2HSM STATEK-CX2HSM_08 Datasheet
132Kb / 2P
Miniature Surface Mount Quartz Crystal for Series Oscillators
logo
Nel Frequency Controls,...
B6-X142X NEL-B6-X142X Datasheet
108Kb / 3P
of quartz crystal oscillators provide enable/disable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com