Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH24I Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSH24I
Description  HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH24I Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSH24I Datasheet HTML 3Page - STMicroelectronics TSH24I Datasheet HTML 4Page - STMicroelectronics TSH24I Datasheet HTML 5Page - STMicroelectronics TSH24I Datasheet HTML 6Page - STMicroelectronics TSH24I Datasheet HTML 7Page - STMicroelectronics TSH24I Datasheet HTML 8Page - STMicroelectronics TSH24I Datasheet HTML 9Page - STMicroelectronics TSH24I Datasheet HTML 10Page - STMicroelectronics TSH24I Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TSH24
8/11
LARGE SIGNAL VOLTAGE GAIN @NO LOAD
SMALL SIGNAL RESPONSE @ 30V
UNITY GAIN BANDWITH @ 30V
LARGE SIGNAL VOLTAGE GAIN @ LOAD
SMALL SIGNAL RESPONSE @ 3V
UNITY GAIN BANDWITH @ 3V
20
15
10
5
0
-5
-10
-15
-20
-0.4
Differential Input Voltage, Vid (mV)
Tamb = 25˚C
Vcc = ±15V
No Load
-0.3 -0.2 -0.1 0
0.1 0.2 0.3 0.4
10k
100k
1M
10M
45
40
35
30
25
20
15
10
5
0
-5
0
30
60
90
120
150
180
Phase
Gain
Frequency, F (Hz)
Tamb = 25˚C
Vcc = +2V/-1V
AVCL = 100
RL = 2kΩ
CL = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com