Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH24I Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSH24I
Description  HIGH PERFORMANCE QUAD BIPOLAR OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH24I Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSH24I Datasheet HTML 2Page - STMicroelectronics TSH24I Datasheet HTML 3Page - STMicroelectronics TSH24I Datasheet HTML 4Page - STMicroelectronics TSH24I Datasheet HTML 5Page - STMicroelectronics TSH24I Datasheet HTML 6Page - STMicroelectronics TSH24I Datasheet HTML 7Page - STMicroelectronics TSH24I Datasheet HTML 8Page - STMicroelectronics TSH24I Datasheet HTML 9Page - STMicroelectronics TSH24I Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TSH24
6/11
PHASE INVERSION
At high differential input voltage, the TSH24 keeps
the right output level thanks to its specific input
structures.
The advantage is obvious on the following figures
and can be also an advantage in linear use when
saturation might occure.
Figure 5 : Behaviour with TSH24
Figure 5 & 6 show the behaviour in follower stage
with saturation output of TSH24 versus 15MHz
standard operational amplifier.
Figure 6 : Saturation behaviour with 15MHz
standard operational amplifier
8
6
4
2
0
-2
-4
-6
-8
Time (50
µs/div)
Vid
Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com