Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH321 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TSH321
Description  WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH321 Datasheet(HTML) 4 Page - STMicroelectronics

  TSH321 Datasheet HTML 1Page - STMicroelectronics TSH321 Datasheet HTML 2Page - STMicroelectronics TSH321 Datasheet HTML 3Page - STMicroelectronics TSH321 Datasheet HTML 4Page - STMicroelectronics TSH321 Datasheet HTML 5Page - STMicroelectronics TSH321 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vin
50%
t d
t r
90%
t s
0.1% of edge amplitude
10%
TEST WAVEFORM
Input
50
Ω
1k
Ω
1k
Ω
10nF
10
µF
C
F
-5V
+5V
10nF
10
µF
50
Ω
Output
EVALUATION CIRCUIT
As for any high frequency device, a few rules must
be observed when designing the PCB to get the best
performances from this high speed op amp.
From the most to the least important points :
• Each power supply lead has to be bypassed
to ground with a 10nF ceramic capacitor very
close to the device and a 10
µF tantalum ca-
pacitor.
• To provide low inductance and low resistance
common return, use a ground plane or com-
mon point return for power and signal.
• All leads must be wide and as short as possi-
ble especially for op amp inputs. This is in
order to decrease parasitic capacitance and
inductance.
• Use small resistor values to decrease time
constant with parasitic capacitance.
• Choose componentsizes as small aspossible
(SMD).
• On output, decrease capacitor load so as to
avoid circuit stability being degraded which
may cause oscillation. One can also add a
serial resistor in order to minimise its influ-
ence.
• One can add in parallel with feedbackresistor
a few pF ceramic capacitor CF adjusted to
optimize the settling time.
PRINTED CIRCUIT LAYOUT
TSH321
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com