Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH321 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH321
Description  WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH321 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH321 Datasheet HTML 1Page - STMicroelectronics TSH321 Datasheet HTML 2Page - STMicroelectronics TSH321 Datasheet HTML 3Page - STMicroelectronics TSH321 Datasheet HTML 4Page - STMicroelectronics TSH321 Datasheet HTML 5Page - STMicroelectronics TSH321 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSH321
WIDE BANDWIDTH AND MOS INPUTS
SINGLE OPERATIONAL AMPLIFIER
June 1998
®
ORDER CODES
Part
Number
Temperature
Range
Package
ND
TSH321I
-40
oC, 125oC
••
1
2
3
4
8
6
5
7
Inverting Input
Non-inverting Input
Output
Offset Null 2
Offset Null 1
N.C.
V
CC
VCC
+
PIN CONNECTIONS (top view)
.
LOW DISTORTION
.
GAIN BANDWIDTH PRODUCT : 300MHz
.
GAIN OF 2 STABILITY
.
SLEW RATE : 400V/
µs
.
VERY FAST SETTLING TIME : 60ns (0.1%)
.
VERY HIGH INPUT IMPEDANCE
D
SO8
(Plastic Micropackage)
N
DIP8
(Plastic Package)
DESCRIPTION:
The TSH321 is a wideband monolithic operational
amplifier, requiring a minimum close loop gain of 2
for stability.
The TSH321 features extremely high input imped-
ance (typically greater than 10
12Ω) allowing direct
interfacing with high impedance sources.
Low distortion, wide bandwidth and high linearity
make this amplifier suitable for RF and video appli-
cations. Short circuit protection is provided by an
internal current-limiting circuit.
The TSH321 has internal electrostatic discharge
(ESD) protection circuits and fulfills MILSTD883C-
Class2.
1/6


Similar Part No. - TSH321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
TSH300ID STMICROELECTRONICS-TSH300ID Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
TSH300IDT STMICROELECTRONICS-TSH300IDT Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
TSH300ILT STMICROELECTRONICS-TSH300ILT Datasheet
398Kb / 18P
Ultra Low-Noise High-Speed Operational Amplifier
Rev. 2
TSH31 STMICROELECTRONICS-TSH31 Datasheet
77Kb / 5P
280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
More results

Similar Description - TSH321

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF151 STMICROELECTRONICS-LF151 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
TSH11 STMICROELECTRONICS-TSH11 Datasheet
77Kb / 5P
120MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
TSH150 STMICROELECTRONICS-TSH150 Datasheet
58Kb / 7P
WIDE BANDWIDTH AND BIPOLAR INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH151 STMICROELECTRONICS-TSH151 Datasheet
52Kb / 7P
WIDE BANDWIDTH AND MOS INPUTS SINGLE OPERATIONAL AMPLIFIER
Jun-1998
TSH31 STMICROELECTRONICS-TSH31 Datasheet
77Kb / 5P
280MHz BANDWIDTH MOS INPUT SINGLE OPERATIONAL AMPLIFIER
Oct-2000
logo
Burr-Brown (TI)
OPA660 BURR-BROWN-OPA660 Datasheet
358Kb / 18P
Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER AND BUFFER
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
Wide Bandwidth Operational Amplifier
logo
STMicroelectronics
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
Wide Bandwidth Operational Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com