Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS218 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # FS218
Description  Preset counters electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FS218 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  FS218 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Preset counters electromechanic
www.baumerivo.com
2
FS218, FS219
1 preset, subtracting
Display 5 digits, manual/electric reset
1 2
10
9
8
34
12
10
9
8
Voltage
Voltage
Pulse
DC
End contact
AC
+
-
Voltage
Voltage
Pulse
End
contact
DC
AC
1 2
56
10
9
34
1 2 34
*
Reset
+
-
FS218
FS219
* Also available as normally close.
Please indicate when placing order.
End
contact
Connection diagram
Count
Voltage DC
Voltage AC
Power
4 W
5 VA
Min. pulse duration
50 ms
50 ms
Min. pulse interval
50 ms
50 ms
Switch on time (at 25 °C) 100 %
100 %
Electr. reset
Voltage DC
Voltage AC
Power
30 W
42 VA
Min. pulse duration
300 ms
300 ms
Min. pulse interval
9x pulse duration 9x pulse duration
Switch on time (at 25 °C) 10 %
10 %
max. 1 min
max. 1 min
Trigger level
Accessories
Front panels (page %S)
Z 100.04A
Front panel with transparent protective cover,
for socket box 114 x 61 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com