Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS218 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # FS218
Description  Preset counters electromechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

FS218 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  FS218 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG FS218 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Preset counters electromechanic
3
www.baumerivo.com
www.baumerivo.com
FS218, FS219
1 preset, subtracting
Display 5 digits, manual/electric reset
Part number
FS218. 550B
B
Display
B 5-digits 99999
Voltage
A3 24 VDC
B5 24 VAC
B8 110 VAC
B9 230 VAC
Reset
550B With reset button
FS219. 550B
B
Display
B 5-digits 99999
Voltage
A3 24 VDC
B5 24 VAC
B8 110 VAC
B9 230 VAC
Reset
550B With button reset and electrical reset
Dimensions
16
112
134
144
5
134
M4
113 +0.5
10.5
21
129
3.5
14.6
With reset button
With button reset and electrical reset



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com