Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ASL Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 2PD601ASL
Description  50 V, 100 mA NPN general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601ASL Datasheet(HTML) 5 Page - NXP Semiconductors

  2PD601ASL Datasheet HTML 1Page - NXP Semiconductors 2PD601ASL Datasheet HTML 2Page - NXP Semiconductors 2PD601ASL Datasheet HTML 3Page - NXP Semiconductors 2PD601ASL Datasheet HTML 4Page - NXP Semiconductors 2PD601ASL Datasheet HTML 5Page - NXP Semiconductors 2PD601ASL Datasheet HTML 6Page - NXP Semiconductors 2PD601ASL Datasheet HTML 7Page - NXP Semiconductors 2PD601ASL Datasheet HTML 8Page - NXP Semiconductors 2PD601ASL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2PD601AXL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 6 November 2008
5 of 9
NXP Semiconductors
2PD601ARL; 2PD601ASL
50 V, 100 mA NPN general-purpose transistors
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
/DG: halogen-free.
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number[2]
Package
Description
Packing quantity
3000
10000
2PD601ARL
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
2PD601ASL
2PD601ARL/DG
2PD601ASL/DG
Fig 2.
Reflow soldering footprint SOT23 (TO-236AB)
solder lands
solder resist
occupied area
solder paste
sot023_fr
0.5
(3
×)
0.6
(3
×)
0.6
(3
×)
0.7
(3
×)
3
1
3.3
2.9
1.7
1.9
2
Dimensions in mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com