Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ASL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2PD601ASL
Description  50 V, 100 mA NPN general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601ASL Datasheet(HTML) 1 Page - NXP Semiconductors

  2PD601ASL Datasheet HTML 1Page - NXP Semiconductors 2PD601ASL Datasheet HTML 2Page - NXP Semiconductors 2PD601ASL Datasheet HTML 3Page - NXP Semiconductors 2PD601ASL Datasheet HTML 4Page - NXP Semiconductors 2PD601ASL Datasheet HTML 5Page - NXP Semiconductors 2PD601ASL Datasheet HTML 6Page - NXP Semiconductors 2PD601ASL Datasheet HTML 7Page - NXP Semiconductors 2PD601ASL Datasheet HTML 8Page - NXP Semiconductors 2PD601ASL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted
Device (SMD) plastic package.
[1]
/DG: halogen-free.
1.2 Features
I General-purpose transistors
I Two current gain selections
I AEC-Q101 qualified
I Small SMD plastic package
1.3 Applications
I General-purpose switching and amplification
1.4 Quick reference data
2PD601ARL; 2PD601ASL
50 V, 100 mA NPN general-purpose transistors
Rev. 01 — 6 November 2008
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
NXP
JEDEC
2PD601ARL
SOT23
TO-236AB
2PB709ARL
2PD601ASL
2PB709ASL
2PD601ARL/DG
SOT23
TO-236AB
2PB709ARL/DG
2PD601ASL/DG
2PB709ASL/DG
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IC
collector current
-
-
100
mA
hFE
DC current gain
VCE =10V;
IC =2mA
hFE group R
210
-
340
hFE group S
290
-
460


Similar Part No. - 2PD601ASL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD601ASL NEXPERIA-2PD601ASL Datasheet
614Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
2PD601ASL/DG NEXPERIA-2PD601ASL/DG Datasheet
614Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
More results

Similar Description - 2PD601ASL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PD602ASL NXP-2PD602ASL Datasheet
57Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01-27 October 2008
2PD601A NXP-2PD601A Datasheet
131Kb / 8P
NPN general purpose transistors; 50 V, 100 mA
2002 Jun 26
2PD601BSL NXP-2PD601BSL Datasheet
317Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1-28 June 2010
logo
Nexperia B.V. All right...
2PC4617XMB NEXPERIA-2PC4617XMB Datasheet
1Mb / 10P
50 V, 100 mA NPN general-purpose transistors
NXP3875Y NEXPERIA-NXP3875Y Datasheet
1Mb / 15P
50 V, 150 mA NPN general-purpose transistors
2PC4617XMB_SER NEXPERIA-2PC4617XMB_SER Datasheet
1Mb / 10P
50 V, 100 mA NPN general-purpose transistors
Rev. 1 - 26 March 2012
2PD601AXL NEXPERIA-2PD601AXL Datasheet
614Kb / 9P
50 V, 100 mA NPN general-purpose transistors
Rev. 01 - 6 November 2008
2PD601BRL NEXPERIA-2PD601BRL Datasheet
993Kb / 13P
50 V, 200 mA NPN general-purpose transistors
Rev. 1 - 28 June 2010
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
50 V, 500 mA NPN general-purpose transistors
12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com