Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602AQL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PD602AQL
Description  50 V, 500 mA NPN general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD602AQL Datasheet(HTML) 2 Page - NXP Semiconductors

  2PD602AQL Datasheet HTML 1Page - NXP Semiconductors 2PD602AQL Datasheet HTML 2Page - NXP Semiconductors 2PD602AQL Datasheet HTML 3Page - NXP Semiconductors 2PD602AQL Datasheet HTML 4Page - NXP Semiconductors 2PD602AQL Datasheet HTML 5Page - NXP Semiconductors 2PD602AQL Datasheet HTML 6Page - NXP Semiconductors 2PD602AQL Datasheet HTML 7Page - NXP Semiconductors 2PD602AQL Datasheet HTML 8Page - NXP Semiconductors 2PD602AQL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2PD602AXL_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 27 October 2008
2 of 9
NXP Semiconductors
2PD602AxL
50 V, 500 mA NPN general-purpose transistors
[1]
Pulse test: tp ≤ 300 µs; δ≤ 0.02.
2.
Pinning information
3.
Ordering information
[1]
/DG: halogen-free
4.
Marking
hFE
DC current gain
VCE =10V;
IC = 150 mA
[1]
hFE group Q
85
-
170
hFE group R
120
-
240
hFE group S
170
-
340
Table 2.
Quick reference data …continued
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
base
2
emitter
3
collector
12
3
sym021
3
2
1
Table 4.
Ordering information
Type number[1]
Package
Name
Description
Version
2PD602AQL
-
plastic surface-mounted package; 3 leads
SOT23
2PD602ARL
2PD602ASL
2PD602AQL/DG
-
plastic surface-mounted package; 3 leads
SOT23
2PD602ARL/DG
2PD602ASL/DG
Table 5.
Marking codes
Type number
Marking code[1]
2PD602AQL
SH*
2PD602ARL
SG*
2PD602ASL
SF*



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com