Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602AQL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 2PD602AQL
Description  50 V, 500 mA NPN general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD602AQL Datasheet(HTML) 1 Page - NXP Semiconductors

  2PD602AQL Datasheet HTML 1Page - NXP Semiconductors 2PD602AQL Datasheet HTML 2Page - NXP Semiconductors 2PD602AQL Datasheet HTML 3Page - NXP Semiconductors 2PD602AQL Datasheet HTML 4Page - NXP Semiconductors 2PD602AQL Datasheet HTML 5Page - NXP Semiconductors 2PD602AQL Datasheet HTML 6Page - NXP Semiconductors 2PD602AQL Datasheet HTML 7Page - NXP Semiconductors 2PD602AQL Datasheet HTML 8Page - NXP Semiconductors 2PD602AQL Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1.
Product profile
1.1 General description
NPN general-purpose transistors in a small SOT23 (TO-236AB) Surface-Mounted
Device (SMD) plastic package.
[1]
/DG: halogen-free
1.2 Features
I General-purpose transistors
I Three current gain selections
I AEC-Q101 qualified
I Small SMD plastic package
1.3 Applications
I General-purpose switching and amplification
1.4 Quick reference data
2PD602AQL; 2PD602ARL;
2PD602ASL
50 V, 500 mA NPN general-purpose transistors
Rev. 01 — 27 October 2008
Product data sheet
Table 1.
Product overview
Type number[1]
Package
PNP complement
NXP
JEDEC
2PD602AQL
SOT23
TO-236AB
-
2PD602ARL
2PB710ARL
2PD602ASL
2PB710ASL
2PD602AQL/DG
SOT23
TO-236AB
-
2PD602ARL/DG
2PB710ARL/DG
2PD602ASL/DG
2PB710ASL/DG
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
50
V
IC
collector current
-
-
500
mA


Similar Part No. - 2PD602AQL

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PD602AQL NEXPERIA-2PD602AQL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
2PD602AQL/DG NEXPERIA-2PD602AQL/DG Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
More results

Similar Description - 2PD602AQL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB710ARL NXP-2PB710ARL Datasheet
64Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01-29 October 2008
BC817 NXP-BC817 Datasheet
245Kb / 19P
45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Nexperia B.V. All right...
2PB710AXL NEXPERIA-2PB710AXL Datasheet
615Kb / 9P
50 V, 500 mA PNP general-purpose transistors
Rev. 01 - 29 October 2008
2PD602AXL NEXPERIA-2PD602AXL Datasheet
614Kb / 9P
50 V, 500 mA NPN general-purpose transistors
Rev. 01 - 27 October 2008
BC816_SER NEXPERIA-BC816_SER Datasheet
249Kb / 12P
80 V, 500 mA NPN general-purpose transistors
Rev. 2 - 5 November 2019
BC817-25QA NEXPERIA-BC817-25QA Datasheet
879Kb / 15P
45 V, 500 mA NPN general-purpose transistors
Rev. 1 - 3 September 2013
BC817QB-Q_SER NEXPERIA-BC817QB-Q_SER Datasheet
331Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
BC817QC-Q_SER NEXPERIA-BC817QC-Q_SER Datasheet
334Kb / 14P
45 V, 500 mA NPN general-purpose transistors
Rev. 2 - 4 May 2021
2PB710ASL-Q NEXPERIA-2PB710ASL-Q Datasheet
183Kb / 8P
50 V, 500 mA PNP general-purpose transistors
3 January 2022
2PD602ASL-Q NEXPERIA-2PD602ASL-Q Datasheet
182Kb / 8P
50 V, 500 mA NPN general-purpose transistors
12 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com