Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM2K Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # GCM2K
Description  Special Encoders & Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCM2K Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  GCM2K Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCM2K Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCM2K Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.baumerivo.com
www.baumerivo.com
Special Encoders & Sensors
www.baumerivo.com
2
GCM2K
Part number
GCM2K. 0
00
01
E-connection
00 PCB connector ZHR-12
Voltage supply / signals
10 10...30 VDC / gray code 22 bit
12 10...30 VDC / binary code 22 bit
20 10...30 VDC / gray code 24 bit
22 10...30 VDC / binary code 24 bit
Design
0 Circuit board with magnet support
Absolute encoder KIT - SSI
Magnetic multiturn encoder 12 bit ST / 12 bit MT
UB
Encoder voltage supply.
GND
Encoder ground connection relating to UB.
Data+
Positive, serial data output of differential
linedriver.
Data-
Negative, serial data output of differential
linedriver.
Clock+
Positive SSI clock input.
Clock+ together with clock- forms a current
loop. A current of approx. 7 mA towards
clock+ input means logic 1 in positive logic.
Clock-
Negative SSI clock input.
Clock- together with clock+ forms a current
loop. A current of approx. 7 mA towards
clock- input means logic 0 in positive logic.
Zero setting
Input for setting a zero point anywhere
within the programmed encoder resolution.
The zero setting operation is triggered by a
High impulse and has to be in line with the
selected direction of rotation (UP/DOWN).
Connect to GND after setting operation for
maximum interference immunity. Impulse
duration >100 ms.
DATAVALID MT Diagnostic output.
Multiturn sensor supply control. Upon
dropping below a defined voltage level the
DV MT output is switched to Low.
UP/DOWN
UP/DOWN counting direction input.
This input is standard on High. UP/DOWN
means ascending output data with clock-
wise shaft rotation when looking at flange.
UP/DOWN-Low means ascending values
with counterclockwise shaft rotation.
Terminal significance
Connector
Core colour
Assignment
Pin 1
pink
UP/DOWN
Pin 2
green/grey
Zero setting
Pin 3
white/yellow internally reserved
Pin 4
violet
Clock-
Pin 5
blue
Clock+
Pin 6
yellow
Data-
Pin 7
white/grey
Data+
Pin 8
brown
UB
Pin 9
brown/green UB
Pin 10
black/white
GND
Pin 11
red
DATAVALID MT
Pin 12
green/white
GND
Terminal assignment
SSI
Circuit
SSI-Clock
Optocoupler
SSI-Data
Linedriver RS485
Control inputs
Input circuit
Input level High
>0.7 UB
Input level Low
<0.3 UB
Input resistance
10 kΩ
Diagnostic outputs
Output circuit
Push-pull circuit-proof
Output level High
>UB -3.5 V (I = -20 mA)
Output level Low
<0.7 V (I = 20 mA)
Load High
<20 mA
Load Low
<20 mA
Trigger level
Accessories
Edgeboard connector (page %S)
Z 186.001
Edgeboard connector, 12-pin with litz 300 mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com