Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCM2K Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # GCM2K
Description  Special Encoders & Sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

GCM2K Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  GCM2K Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG GCM2K Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG GCM2K Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.baumerivo.com
Special Encoders & Sensors
1
www.baumerivo.com
www.baumerivo.com
GCM2K as KIT
Features
Encoder multiturn / SSI
–
Magnetic sensing
–
Resolution: singleturn 12 bit, multiturn 12 bit
–
Kit for integrating applications
–
Cast-capable electronics component
–
Support with magnet for shaft assembly
–
Electronic setting of zero point
–
Extreme compact design
–
Technical data - electrical ratings
Voltage supply
10...30 VDC
Reverse polarity protection Yes
Consumption w/o load
≤60 mA (24 VDC)
Initializing time (typ.)
200 ms after power on
Interface
SSI
Steps per turn
4096 / 12 bit
Number of turns
4096 / 12 bit
Absolute accuracy
±1°
Sensing method
Magnetic
Code
Gray or binary
Code sequence
CW/CCW coded by connection
Inputs
SSI clock
Control signals UP/DOWN and
zero
Output circuit
SSI data linedriver RS485
Diagnostic functions
Self-diagnosis
Code continuity check
Multiturn sensing
GCM2K
Technical data - mechanical design
Shaft
Customer-specific
Operating speed
≤6000 rpm (electric)
Operating temperature
-25...+85 °C
-40...+85 °C (optional)
Relative humidity
95 % non-condensing
Weight approx.
50 g
E-connection
PCB connector ZHR-12
Absolute encoder KIT - SSI
Magnetic multiturn encoder 12 bit ST / 12 bit MT


Similar Part No. - GCM2K

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GCM2135C5C0JR50D MURATA-GCM2135C5C0JR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2135C5C1AR50D MURATA-GCM2135C5C1AR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2135C5C1CR50D MURATA-GCM2135C5C1CR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2135C5C2WR50D MURATA-GCM2135C5C2WR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
GCM2137U5C0JR50D MURATA-GCM2137U5C0JR50D Datasheet
29Kb / 2P
Chip Monolithic Ceramic Capacitors
More results

Similar Description - GCM2K

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
G080 IVO-G080 Datasheet
281Kb / 2P
Special Encoders & Sensors
G305 IVO-G305 Datasheet
342Kb / 2P
Special Encoders & Sensors
GCI0K IVO-GCI0K Datasheet
494Kb / 6P
Special Encoders & Sensors
GCI0L IVO-GCI0L Datasheet
250Kb / 4P
Special Encoders & Sensors
GNAMG IVO-GNAMG Datasheet
678Kb / 4P
Special Encoders & Sensors
logo
Sensortechnics GmbH
RPUM050G6B SENSORTECHNICS-RPUM050G6B Datasheet
181Kb / 16P
Pressure sensors with special fittings
logo
ASM GmbH
PRAS1 ASM-SENSOR-PRAS1 Datasheet
2Mb / 52P
Angle Sensors and Encoders Contents
logo
Vishay Siliconix
NTCLE400 VISHAY-NTCLE400 Datasheet
95Kb / 6P
NTC Thermistors, Special Long Lead Sensors
03-May-11
logo
Omron Electronics LLC
E3C-1 OMRON-E3C-1 Datasheet
883Kb / 18P
Special-Purpose Photoelectric Sensors
E3C-S10 OMRON-E3C-S10 Datasheet
930Kb / 18P
Special-Purpose Photoelectric Sensors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com