Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74LVTH574
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74LVTH574 Datasheet HTML 8Page - NXP Semiconductors 74LVTH574 Datasheet HTML 9Page - NXP Semiconductors 74LVTH574 Datasheet HTML 10Page - NXP Semiconductors 74LVTH574 Datasheet HTML 11Page - NXP Semiconductors 74LVTH574 Datasheet HTML 12Page - NXP Semiconductors 74LVTH574 Datasheet HTML 13Page - NXP Semiconductors 74LVTH574 Datasheet HTML 14Page - NXP Semiconductors 74LVTH574 Datasheet HTML 15Page - NXP Semiconductors 74LVTH574 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
74LVT_LVTH574_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2008
12 of 16
NXP Semiconductors
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
Fig 13. Package outline SOT360-1 (TSSOP20)
UNIT
A1
A2
A3
bp
cD (1)
E (2)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.15
0.05
0.95
0.80
0.30
0.19
0.2
0.1
6.6
6.4
4.5
4.3
0.65
6.6
6.2
0.4
0.3
0.5
0.2
8
0
o
o
0.13
0.1
0.2
1
DIMENSIONS (mm are the original dimensions)
Notes
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
2. Plastic interlead protrusions of 0.25 mm maximum per side are not included.
0.75
0.50
SOT360-1
MO-153
99-12-27
03-02-19
w M
b p
D
Z
e
0.25
110
20
11
pin 1 index
θ
A
A1
A2
L p
Q
detail X
L
(A )
3
HE
E
c
v M A
X
A
y
0
2.5
5 mm
scale
TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm
SOT360-1
A
max.
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com