Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVTH574 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 74LVTH574
Description  3.3 V octal D-type flip-flop; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74LVTH574 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 74LVTH574 Datasheet HTML 8Page - NXP Semiconductors 74LVTH574 Datasheet HTML 9Page - NXP Semiconductors 74LVTH574 Datasheet HTML 10Page - NXP Semiconductors 74LVTH574 Datasheet HTML 11Page - NXP Semiconductors 74LVTH574 Datasheet HTML 12Page - NXP Semiconductors 74LVTH574 Datasheet HTML 13Page - NXP Semiconductors 74LVTH574 Datasheet HTML 14Page - NXP Semiconductors 74LVTH574 Datasheet HTML 15Page - NXP Semiconductors 74LVTH574 Datasheet HTML 16Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
74LVT_LVTH574_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 September 2008
14 of 16
NXP Semiconductors
74LVT574; 74LVTH574
3.3 V octal D-type flip-flop; 3-state
13. Abbreviations
14. Revision history
Table 10.
Abbreviations
Acronym
Description
BiCMOS
Bipolar Complementary Metal Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74LVT_LVTH574_4
20080911
Product data sheet
-
74LVT_LVTH574_3
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Section 3 “Ordering information” and Section 12 “Package outline”: DHVQFN20 package
added.
• Table 4 “Limiting values” Ptot added.
74LVT_LVTH574_3
20060323
Product data sheet
-
74LVT574_2
74LVT574_2
19980219
product specification
-
74LVT574_1
74LVT574_1
19951114
product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com