Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS32L Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAS32L
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS32L Datasheet(HTML) 3 Page - NXP Semiconductors

  BAS32L Datasheet HTML 1Page - NXP Semiconductors BAS32L Datasheet HTML 2Page - NXP Semiconductors BAS32L Datasheet HTML 3Page - NXP Semiconductors BAS32L Datasheet HTML 4Page - NXP Semiconductors BAS32L Datasheet HTML 5Page - NXP Semiconductors BAS32L Datasheet HTML 6Page - NXP Semiconductors BAS32L Datasheet HTML 7Page - NXP Semiconductors BAS32L Datasheet HTML 8Page - NXP Semiconductors BAS32L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BAS32L_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 29 October 2008
3 of 10
NXP Semiconductors
BAS32L
High-speed switching diode
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Tj =25 °C prior to surge.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
7.
Characteristics
[1]
When switched from IF = 10 mA to IR = 10 mA; RL = 100 Ω; measured at IR = 1 mA.
[2]
When switched from IF = 50 mA; tr =20ns.
Tj
junction temperature
-
200
°C
Tamb
ambient temperature
−65
+200
°C
Tstg
storage temperature
−65
+200
°C
Table 5.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1] -
-
350
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
300
K/W
Table 7.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VF
forward voltage
IF = 5 mA
620
-
750
mV
IF = 100 mA
-
-
1000
mV
IF = 100 mA; Tj = 100 °C
-
-
930
mV
IR
reverse current
VR = 20 V
--25
nA
VR = 75 V
--5
µA
VR = 20 V; Tj = 150 °C
--50
µA
VR = 75 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz
-
-
2
pF
trr
reverse recovery
time
[1] --4
ns
VFR
forward recovery
voltage
[2] -
-
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com