Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS32L Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS32L
Description  High-speed switching diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAS32L Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS32L Datasheet HTML 1Page - NXP Semiconductors BAS32L Datasheet HTML 2Page - NXP Semiconductors BAS32L Datasheet HTML 3Page - NXP Semiconductors BAS32L Datasheet HTML 4Page - NXP Semiconductors BAS32L Datasheet HTML 5Page - NXP Semiconductors BAS32L Datasheet HTML 6Page - NXP Semiconductors BAS32L Datasheet HTML 7Page - NXP Semiconductors BAS32L Datasheet HTML 8Page - NXP Semiconductors BAS32L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
Single high-speed switching diode, fabricated in planar technology, and encapsulated in a
small hermetically sealed glass SOD80C Surface-Mounted Device (SMD) package.
1.2 Features
I High switching speed: trr ≤ 4ns
I Reverse voltage: VR ≤ 75 V
I Repetitive peak reverse voltage: VRRM ≤ 100 V
I Repetitive peak forward current: IFRM ≤ 450 mA
I Small hermetically sealed glass SMD package
1.3 Applications
I High-speed switching
I Reverse polarity protection
1.4 Quick reference data
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
When switched from IF = 10 mA to IR = 10 mA; RL = 100 Ω; measured at IR = 1 mA.
BAS32L
High-speed switching diode
Rev. 06 — 29 October 2008
Product data sheet
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IF
forward current
[1] -
-
200
mA
IFRM
repetitive peak forward
current
-
-
450
mA
VR
reverse voltage
-
-
75
V
VF
forward voltage
IF = 100 mA
-
-
1000
mV
trr
reverse recovery time
[2] --4
ns


Similar Part No. - BAS32L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS32L PHILIPS-BAS32L Datasheet
34Kb / 7P
High-speed diode
1996 Sep 10
BAS32L NXP-BAS32L Datasheet
63Kb / 10P
High-speed switching diode
Rev. 05-3 January 2008
logo
SEMTECH ELECTRONICS LTD...
BAS32L SEMTECH_ELEC-BAS32L Datasheet
276Kb / 4P
HIGH SPEED DIODE
logo
Micro Commercial Compon...
BAS32L MCC-BAS32L Datasheet
459Kb / 4P
High Speed Switching Diode
logo
Shanghai Shunye Electro...
BAS32L SHUNYE-BAS32L Datasheet
168Kb / 4P
HIGH SPEED DIODE
More results

Similar Description - BAS32L

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS400CM ROHM-1SS400CM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HY ROHM-BAV70HY Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV70HYFH ROHM-BAV70HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAV99FM ROHM-BAV99FM Datasheet
1Mb / 8P
Switching Diode (High speed switching)
BAW56HYFH ROHM-BAW56HYFH Datasheet
1Mb / 8P
Switching Diode (High speed switching)
DAN202FM ROHM-DAN202FM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAN202FMFH ROHM-DAN202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP202FMFH ROHM-DAP202FMFH Datasheet
1Mb / 7P
Switching Diode (High speed switching)
DAP222ZM ROHM-DAP222ZM Datasheet
1Mb / 7P
Switching Diode (High speed switching)
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com