Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 20 Page - NXP Semiconductors

Part # LM75BDP
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BDP Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button LM75BDP Datasheet HTML 16Page - NXP Semiconductors LM75BDP Datasheet HTML 17Page - NXP Semiconductors LM75BDP Datasheet HTML 18Page - NXP Semiconductors LM75BDP Datasheet HTML 19Page - NXP Semiconductors LM75BDP Datasheet HTML 20Page - NXP Semiconductors LM75BDP Datasheet HTML 21Page - NXP Semiconductors LM75BDP Datasheet HTML 22Page - NXP Semiconductors LM75BDP Datasheet HTML 23Page - NXP Semiconductors LM75BDP Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
20 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
12. Dynamic characteristics
[1]
These specifications are guaranteed by design and not tested in production.
[2]
This is the SDA time LOW for reset of serial interface.
[3]
Holding the SDA line LOW for a time grater than tto will cause the LM75B to reset SDA to the idle state of the serial bus communication
(SDA set HIGH).
Table 18.
I2C-bus interface dynamic characteristics[1]
VCC = 2.8 V to 5.5 V; Tamb = −55 °C to +125 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fSCL
SCL clock frequency
see Figure 19
0.02
-
400
kHz
tHIGH
HIGH period of the SCL clock
0.6
-
-
µs
tLOW
LOW period of the SCL clock
1.3
-
-
µs
tHD;STA
hold time (repeated) START condition
100
-
-
ns
tSU;DAT
data set-up time
100
-
-
ns
tHD;DAT
data hold time
0
-
-
ns
tSU;STO
set-up time for STOP condition
100
-
-
ns
tf
fall time
SDA and OS outputs;
CL = 400 pF; IOL =3mA
-
250
-
ns
tto
time-out time
[2][3] 75
-
200
ms
Fig 19. Timing diagram
SDA
SCL
002aab271
tf
S
Sr
P
S
tHD;STA
tLOW
tr
tSU;DAT
tf
tHD;DAT
tHIGH tSU;STA
tHD;STA
tSP
tSU;STO
tr
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com