Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75BDP Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LM75BDP
Description  Digital temperature sensor and thermal watchdog
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LM75BDP Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LM75BDP Datasheet HTML 11Page - NXP Semiconductors LM75BDP Datasheet HTML 12Page - NXP Semiconductors LM75BDP Datasheet HTML 13Page - NXP Semiconductors LM75BDP Datasheet HTML 14Page - NXP Semiconductors LM75BDP Datasheet HTML 15Page - NXP Semiconductors LM75BDP Datasheet HTML 16Page - NXP Semiconductors LM75BDP Datasheet HTML 17Page - NXP Semiconductors LM75BDP Datasheet HTML 18Page - NXP Semiconductors LM75BDP Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
LM75B_2
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 02 — 9 December 2008
15 of 29
NXP Semiconductors
LM75B
Digital temperature sensor and thermal watchdog
8.
Application design-in information
8.1 Typical application
8.2 LM75A and LM75B comparison
[1]
This option is updated to be compatible with the competitive parts. When the OS output has been activated in the interrupt mode due to
a temp limit violation, if the Configuration Shutdown bit B0 is set (to the LM75A), then the OS output activated status remains
unchanged, while (to the LM75B) the OS will be reset. The latter is compatible with the operation condition of the competitive parts.
[2]
The LM75 series is intentionally designed to provide two successive temperature data bytes (MSByte and LSByte) for the 11-bit data
resolution and both bytes should be read in a typical application. In some specific applications, when only the MSByte is read using a
single-byte read command, it often happens that if bit D7 of the LSByte is zero, then the device will hold the SDA bus in a LOW state
forever, resulting in a bus hang-up problem, and the bus cannot be released until the device power is reset. This condition exists for the
LM75A but not for the LM75B. For the LM75B the temperature can be read either one byte or two bytes without a hang-up problem.
[3]
The bus time-out is included for releasing the LM75B device operation whenever the SDA input is kept at a LOW state for too long
(longer than the LM75B time-out duration) due to a fault from the host. The trade-off for this option is the limitation of the I2C-bus low
frequency operation to be limited to 20 Hz. This option is compatible with some of the latest versions of the competitive parts.
[4]
The data hold time is improved to increase the timing margin in I2C-bus operation.
Fig 12. Typical application
002aad457
0.1
µF
10 k
Ω
DIGITAL LOGIC
LM75B
DETECTOR OR
INTERRUPT LINE
BUS
PULL-UP
RESISTORS
I2C-BUS
8
2
SCL
SDA
A2
A1
A0
5
6
1
7
4
3
OS
VCC
power supply
GND
10 k
Ω
10 k
Ω
Table 14.
LM75A and LM75B comparison
Description
LM75A
LM75B
availability of the XSON8U (3 mm
× 2 mm) package type
no
yes
OS output auto-reset when SHUTDOWN bit is set in interrupt mode[1]
no
yes
support single-byte reading of the Temp registers without bus lockup[2]
no
yes
bus fault time-out (75 ms, 200 ms)[3]
no
yes
minimum data hold time (tHD;DAT)[4]
10 ns
0 ns
ratio of conversion time / conversion period (typical)[5]
100 ms / 100 ms
10 ms / 100 ms
supply current in shutdown mode (typical value)
3.5
µA
0.2
µA
HBM ESD protection level (minimum)
>2000 V
>4500 V
MM ESD protection level (minimum)
>200 V
>450 V
CDM ESD protection level (minimum)
>1000 V
>2000 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com