Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1789 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 2 Page - Texas Instruments

  PCM1789 Datasheet HTML 1Page - Texas Instruments PCM1789 Datasheet HTML 2Page - Texas Instruments PCM1789 Datasheet HTML 3Page - Texas Instruments PCM1789 Datasheet HTML 4Page - Texas Instruments PCM1789 Datasheet HTML 5Page - Texas Instruments PCM1789 Datasheet HTML 6Page - Texas Instruments PCM1789 Datasheet HTML 7Page - Texas Instruments PCM1789 Datasheet HTML 8Page - Texas Instruments PCM1789 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
PCM1789
SBAS451 – OCTOBER 2008.............................................................................................................................................................................................. www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT MEDIA,
PRODUCT
LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
QUANTITY
PCM1789PW
Tube, 60
PCM1789
TSSOP-24
PW
–40°C to +85°C
PCM1789
PCM1789PWR
Tape and Reel, 2000
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
Over operating free-air temperature range (unless otherwise noted).
PARAMETER
PCM1789
UNIT
VCC1, VCC2
–0.3 to +6.5
V
Supply voltage
VDD
–0.3 to +4.0
V
Ground voltage differences: AGND1, AGND2, DGND
±0.1
V
Supply voltage differences: VCC1, VCC2
±0.1
V
RST, ADR5, MS, MC, MD, SCKI, AMUTEI
–0.3 to +6.5
V
Digital input voltage
BCK, LRCK, DIN, MODE, ZERO1, ZERO2
–0.3 to (VDD + 0.3) < +4.0
V
Analog input voltage: VCOM, VOUTL±, VOUTR±
–0.3 to (VCC + 0.3) < +6.5
V
Input current (all pins except supplies)
±10
mA
Ambient temperature under bias
–40 to +125
°C
Storage temperature
–55 to +150
°C
Junction temperature
+150
°C
Lead temperature (soldering, 5s)
+260
°C
Package temperature (IR reflow, peak)
+260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
Over operating free-air temperature range (unless otherwise noted).
PCM1789
PARAMETER
MIN
TYP
MAX
UNIT
Analog supply voltage, VCC
4.5
5.0
5.5
V
Digital supply voltage, VDD
3.0
3.3
3.6
V
Digital Interface
LVTTL-compatible
Sampling frequency, LRCK
8
192
kHz
Digital input clock frequency
System clock frequency, SCKI
2.048
36.864
MHz
Analog output voltage
Differential
8
VPP
To ac-coupled GND
5
k
Ω
Analog output load resistance
To dc-coupled GND
15
k
Ω
Analog output load capacitance
50
pF
Digital output load capacitance
20
pF
Operating free-air temperature
PCM1789 consumer grade
–40
+25
+85
°C
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com