Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCM1789 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PCM1789
Description  24-Bit, 192-kHz Sampling, Enhanced Multi-Level ?誇,Stereo, Audio Digital-to-Analog Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCM1789 Datasheet(HTML) 3 Page - Texas Instruments

  PCM1789 Datasheet HTML 1Page - Texas Instruments PCM1789 Datasheet HTML 2Page - Texas Instruments PCM1789 Datasheet HTML 3Page - Texas Instruments PCM1789 Datasheet HTML 4Page - Texas Instruments PCM1789 Datasheet HTML 5Page - Texas Instruments PCM1789 Datasheet HTML 6Page - Texas Instruments PCM1789 Datasheet HTML 7Page - Texas Instruments PCM1789 Datasheet HTML 8Page - Texas Instruments PCM1789 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
ELECTRICAL CHARACTERISTICS: Digital Input/Output
PCM1789
www.ti.com.............................................................................................................................................................................................. SBAS451 – OCTOBER 2008
All specifications at TA = +25°C, VCC1 = VCC2 = 5 V, VDD = 3.3 V, fS = 48 kHz, SCKI = 512 fS, 24-bit data, and Sampling
mode = Auto, unless otherwise noted.
PCM1789
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DATA FORMAT
Audio data interface format
I2S, LJ, RJ, DSP
Audio data word length
16, 20, 24, 32
Bits
Audio data format
MSB first, twos complement
Sampling frequency
fS
8
48
192
kHz
128 fS, 192 fS, 256 fS,
System clock frequency
2.048
36.864
MHz
384 fS, 512 fS, 768 fS, 1152 fS
INPUT LOGIC
VIH
(1) (2)
2.0
VDD
VDC
Input logic level
VIL
(1) (2)
0.8
VDC
VIH
(3) (4)
2.0
5.5
VDC
Input logic level
VIL
(3) (4)
0.8
VDC
IIH
(2) (3)
VIN = VDD
±10
µA
Input logic current
IIL
(2) (3)
VIN = 0 V
±10
µA
IIH
(1) (4)
VIN = VDD
+65
+100
µA
Input logic current
IIL
(1) (4)
VIN = 0 V
±10
µA
OUTPUT LOGIC
VOH
(5)
IOUT = –4 mA
2.4
VDC
Output logic level
VOL
(5) (6)
IOUT = +4 mA
0.4
VDC
REFERENCE OUTPUT
0.5 ×
VCOM output voltage
V
VCC1
VCOM output impedance
7.5
k
Ω
Allowable VCOM output source/sink current
1
µA
(1)
BCK and LRCK (Schmitt trigger input with 50-k
Ω typical internal pull-down resistor).
(2)
DIN (Schmitt trigger input).
(3)
SCKI, ADR5/ADR1/RSV, MC/SCL/FMT, MD/SDA/DEMP, and AMUTEI (Schmitt trigger input, 5-V tolerant).
(4)
RST and MS/ADR0/RSV (Schmitt trigger input with 50-k
Ω typical internal pull-down resistor, 5-V tolerant).
(5)
ZERO1 and ZERO2.
(6)
AMUTEO and SDA (I2C mode, open-drain low output).
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): PCM1789



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com