Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM103 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM103
Description  DUALOPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM103 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM103 Datasheet HTML 1Page - STMicroelectronics TSM103 Datasheet HTML 2Page - STMicroelectronics TSM103 Datasheet HTML 3Page - STMicroelectronics TSM103 Datasheet HTML 4Page - STMicroelectronics TSM103 Datasheet HTML 5Page - STMicroelectronics TSM103 Datasheet HTML 6Page - STMicroelectronics TSM103 Datasheet HTML 7Page - STMicroelectronics TSM103 Datasheet HTML 8Page - STMicroelectronics TSM103 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
®
N
DIP8
(Plastic Package)
OPERATIONAL AMPLIFIER
.
LOW INPUT OFFSET VOLTAGE : 0.5mV
typ.for TSM103A
.
LOW SUPPLY CURRENT : 350
µA/op.
(@ VCC = 5V)
.
MEDIUM BANDWIDTH (unity gain) : 0.9MHz
.
LARGE OUTPUT VOLTAGE SWING : 0V to
(VCC - 1.5V)
.
INPUT COMMON MODE VOLTAGE RANGE
INCLUDES GROUND
.
WIDE POWER SUPPLY RANGE : 3 to 32V
±1.5 to æ16V
VOLTAGE REFERENCE
.
FIXED OUTPUT VOLTAGE REFERENCE
2.5V
.
0.4% AND 1% VOLTAGE PRECISION
.
SINK CURRENT CAPABILITY : 1 to 100mA
.
TYPICAL OUTPUT IMPEDANCE : 0.2
DESCRIPTION
The TSM103 is a monolithic IC that includes one
independent op-amp and another op-amp for
which the non inverting input is wired to a 2.5V fixed
Voltage Reference. This device is offering space
and cost saving in many applications like power
supply management or data acquisition systems.
1
2
3
4
5
6
7
8
Outpu t 1
V
CC
+
Non-inve rting Input 1
Inve rting Inpu t 1
Outpu t 2
Non-inve rting Input 2
Inve rting Input 2
V
CC
-
OP 1
OP 2
+
+
-
-
VRef
PIN CONNECTIONS
D
SO8
(Plastic Micropackage)
DUAL OPERATIONAL AMPLIFIER AND
VOLTAGE REFERENCE
TSM103/A
ORDER CODES
Part number
Temperature Range
Package
ND
TSM103I/AI
-40
oC, +105oC
••
February 1999
1/10


Similar Part No. - TSM103

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM103 STMICROELECTRONICS-TSM103 Datasheet
95Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
logo
ARTSCHIP ELECTRONICS CO...
TSM103 ARTSCHIP-TSM103 Datasheet
748Kb / 10P
DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSM103A STMICROELECTRONICS-TSM103A Datasheet
95Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
logo
ARTSCHIP ELECTRONICS CO...
TSM103AI ARTSCHIP-TSM103AI Datasheet
748Kb / 10P
DUAL OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSM103AIDT STMICROELECTRONICS-TSM103AIDT Datasheet
104Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
Jan-2003
More results

Similar Description - TSM103

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
688Kb / 21P
Operational Amplifier and Voltage Reference
logo
STMicroelectronics
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
Triple Operational Amplifier and Voltage Reference
01-Dec-2004
logo
ON Semiconductor
NCP4300A ONSEMI-NCP4300A_05 Datasheet
65Kb / 8P
Dual Operational Amplifier and Voltage Reference
March, 2005 ??Rev. 3
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
GTM CORPORATION
GP103A GTM-GP103A Datasheet
184Kb / 4P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
Operational Amplifier and Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com