Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ12VAL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMBZ12VAL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZ12VAL Datasheet(HTML) 2 Page - NXP Semiconductors

  MMBZ12VAL Datasheet HTML 1Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 2Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 3Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 4Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 5Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 6Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 7Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 8Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
MMBZXVAL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 1 September 2008
2 of 15
NXP Semiconductors
MMBZxVAL series
Double ESD protection diodes for transient overvoltage suppression
1.4 Quick reference data
2.
Pinning information
Table 2.
Quick reference data
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
MMBZ12VAL
MMBZ12VAL/DG
-
-
8.5
V
MMBZ15VAL
MMBZ15VAL/DG
--12
V
MMBZ18VAL
MMBZ18VAL/DG
-
-
14.5
V
MMBZ20VAL
MMBZ20VAL/DG
--17
V
MMBZ27VAL
MMBZ27VAL/DG
--22
V
MMBZ33VAL
MMBZ33VAL/DG
--26
V
Cd
diode capacitance
f = 1 MHz; VR =0V
MMBZ12VAL
MMBZ12VAL/DG
-
110
140
pF
MMBZ15VAL
MMBZ15VAL/DG
-
85
105
pF
MMBZ18VAL
MMBZ18VAL/DG
-
7090pF
MMBZ20VAL
MMBZ20VAL/DG
-
6580pF
MMBZ27VAL
MMBZ27VAL/DG
-
4860pF
MMBZ33VAL
MMBZ33VAL/DG
-
4555pF
Table 3.
Pinning
Pin
Description
Simplified outline
Graphic symbol
1
cathode (diode 1)
2
cathode (diode 2)
3
common anode
12
3
006aaa154
12
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com