Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ12VAL Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MMBZ12VAL
Description  Double ESD protection diodes for transient overvoltage suppression
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMBZ12VAL Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MMBZ12VAL Datasheet HTML 4Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 5Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 6Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 7Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 8Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 9Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 10Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 11Page - NXP Semiconductors MMBZ12VAL Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
MMBZXVAL_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 1 September 2008
8 of 15
NXP Semiconductors
MMBZxVAL series
Double ESD protection diodes for transient overvoltage suppression
MMBZ27VAL: unidirectional and bidirectional
Tamb =25 °C
Fig 3.
Rated peak pulse power as a function of
exponential pulse duration (rectangular
waveform); typical values
Fig 4.
Relative variation of rated peak pulse power as
a function of junction temperature; typical
values
f = 1 MHz; Tamb =25 °C
(1) MMBZ15VAL: unidirectional
(2) MMBZ15VAL: bidirectional
(3) MMBZ27VAL: unidirectional
(4) MMBZ27VAL: bidirectional
MMBZ27VAL: VRWM =22V
Fig 5.
Diode capacitance as a function of reverse
voltage; typical values
Fig 6.
Reverse leakage current as a function of
ambient temperature; typical values
006aab320
102
10
103
PPPM
(W)
1
tp (ms)
10−2
103
102
10−1
10
1
Tj (°C)
0
200
150
50
100
006aab321
0.4
0.8
1.2
PPPM
0
PPPM(25°C)
VR (V)
025
20
10
15
5
006aab322
40
60
20
80
100
Cd
(pF)
0
(1)
(2)
(3)
(4)
006aab323
10−1
10−2
10
1
102
IRM
(nA)
10−3
Tamb (°C)
−75
175
125
25
75
−25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com