Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72CD Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH72CD
Description  WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CD Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH72CD Datasheet HTML 5Page - STMicroelectronics TSH72CD Datasheet HTML 6Page - STMicroelectronics TSH72CD Datasheet HTML 7Page - STMicroelectronics TSH72CD Datasheet HTML 8Page - STMicroelectronics TSH72CD Datasheet HTML 9Page - STMicroelectronics TSH72CD Datasheet HTML 10Page - STMicroelectronics TSH72CD Datasheet HTML 11Page - STMicroelectronics TSH72CD Datasheet HTML 12Page - STMicroelectronics TSH72CD Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TSH70, 71, 72, 73, 74, 75
9/25
STANDBY MODE
V
CC
+, V
CC
-, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vlow
Standby Low Level
VCC
-
(VCC
-
+0.8)
V
Vhigh
Standby High Level
(VCC
- +2)
(VCC
+)
V
ICC SBY
Current Consumption per Operator
when STANDBY is Active
pin 8 (TSH71) to VCC
-
pin 1,2 or 3 (TSH73) to VCC
-
pin 8 (TSH75) to VCC
+
pin 9 (TSH75) to VCC
-
20
55
µA
Zout
Output Impedance (Rout//Cout)
Rout
Cout
10
17
M
Ω
pF
Ton
Time from Standby Mode to Active
Mode
2
µs
Toff
Time from Active Mode to Standby
Mode
Down to ICC SBY = 10µA
10
µs
TSH71 STANDBY CONTROL pin 8 (SBY)
OPERATOR STATUS
Vlow
Standby
Vhigh
Active
TSH73 STANDBY CONTROL
OPERATOR STATUS
pin 1
(SBY OP1)
pin 2
(SBY OP2)
pin 3
(SBY OP3)
OP1
OP1
OP3
Vlow
x
x
Standby
x
x
Vhigh
x
x
Active
x
x
x
Vlow
x
x
Standby
x
x
Vhigh
x
Active
x
xx
Vlow
x
x
Standby
xx
Vhigh
x
x
Active
TSH75 STANDBY CONTROL
OPERATOR STATUS
pin 8
(SBY OP2)
pin 9
(SBY OP3)
OP1
OP2
OP3
OP4
Vhigh
Vlow
Active
Standby
Standby
Active
Vhigh
Vhigh
Active
Standby
Active
Active
Vlow
Vlow
Active
Active
Standby
Active
Vlow
Vhigh
Active
Active
Active
Active



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com