Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH72CD Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH72CD
Description  WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH72CD Datasheet(HTML) 1 Page - STMicroelectronics

  TSH72CD Datasheet HTML 1Page - STMicroelectronics TSH72CD Datasheet HTML 2Page - STMicroelectronics TSH72CD Datasheet HTML 3Page - STMicroelectronics TSH72CD Datasheet HTML 4Page - STMicroelectronics TSH72CD Datasheet HTML 5Page - STMicroelectronics TSH72CD Datasheet HTML 6Page - STMicroelectronics TSH72CD Datasheet HTML 7Page - STMicroelectronics TSH72CD Datasheet HTML 8Page - STMicroelectronics TSH72CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1/25
s 3V, 5V,
±5V SPECIFICATIONS
s 3dB-BANDWIDTH : 90MHz
s GAIN-BANDWIDTH PRODUCT : 70MHz
s SLEW-RATE : 100V/
µs
s OUTPUT CURRENT : up to 55mA
s INPUT SINGLE SUPPLY VOLTAGE
s OUTPUT RAIL TO RAIL
s SPECIFIED FOR 150
Ω LOAD
s LOW DISTORTION, THD : 0.1%
s SOT23-5, TSSOP and SO PACKAGES
DESCRIPTION
TSH7x serie offers Single, Dual, Triple and Quad
operational amplifiers featuring high video perfor-
mances with large bandwidth, low distortion and
excellent supply voltage rejection.
Running at single supply voltage from 3V to 12V,
amplifiers feature large output voltage swing and
high output current capability to drive standard
150
Ω loads. Low operating voltage makes TSH7x
amplifiers ideal for use on portable equipments.
The TSH71, TSH73 and TSH75 also feature some
Standby input, each of which allows the op amp to
be put into a standby mode with low power con-
sumption and high output impedance.The function
allows power saving or signals switching/multi-
plexing for high speed applications and video ap-
plications.
For board space and weight saving, TSH7x series
is proposed in SOT23-5, TSSOP and SO packag-
es.
APPLICATION
s Video buffers
s A/D Converters driver
s HiFi applications
PIN CONNECTIONS (top view)
1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
TSH70 : SOT23-5/SO8
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH71 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH72 : SO8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH73 : SO14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH74 : SO14/TSSOP14
VCC +
VCC -
1
2
3
13
4
16
15
14
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
10
12
11
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
8
9 STANDBY
STANDBY
TSH75 : SO16/TSSOP16
Output
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. In.
Non-Inv. In.
1
2
3
5
4
VCC -
VCC +
+ -
Non-Inv. In.
Inv. In.
TSH70 : SOT23-5/SO8
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
STANDBY
Non Inverting Input
Inverting Input
Output
TSH71 : SO8/TSSOP8
+
_
VCC -
VCC +
1
2
3
5
4
8
7
6
Non Inverting Input1
Inverting Input1
Output2
+
_
Output1
Non Inverting Input2
Inverting Input2
+
_
TSH72 : SO8/TSSOP8
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input1
Inverting Input1
Output3
Output1
Non Inverting Input3
Inverting Input3
5
6
7
8
10
9
+
_
+
_
+
_
Output2
Non Inverting Input2
Inverting Input2
STANDBY1
STANDBY2
STANDBY3
TSH73 : SO14/TSSOP14
VCC +
VCC -
1
2
3
11
4
14
13
12
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
8
10
9
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
TSH74 : SO14/TSSOP14
VCC +
VCC -
1
2
3
13
4
16
15
14
Non Inverting Input2
Inverting Input2
Output4
Output2
Non Inverting Input4
Inverting Input4
5
6
7
10
12
11
+
_
+
_
+
_
Output3
Non Inverting Input3
Inverting Input3
+
_
Output1
Non Inverting Input1
Inverting Input1
8
9 STANDBY
STANDBY
TSH75 : SO16/TSSOP16
Output
VCC -
VCC +
1
2
3
5
4
8
7
6
NC
NC
Output
+
_
NC
Inv. In.
Non-Inv. In.
TSH70,71,72,73,74,75
WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER
WITH STANDBY FUNCTION
August 2002


Similar Part No. - TSH72CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH72CD STMICROELECTRONICS-TSH72CD Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
TSH72CDT STMICROELECTRONICS-TSH72CDT Datasheet
586Kb / 33P
Rail-to-Rail, Wide-Band, Low-Power Operational Amplifiers
May-2006
More results

Similar Description - TSH72CD

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH94 STMICROELECTRONICS-TSH94 Datasheet
555Kb / 11P
HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH STANDBY POSITION
Oct-2000
TSH95 STMICROELECTRONICS-TSH95 Datasheet
449Kb / 9P
HIGH SPEED LOW POWER QUAD OPERATIONAL AMPLIFIER WITH DUAL STANDBY POSITION
Nov-2000
logo
Burr-Brown (TI)
OPA646 BURR-BROWN-OPA646 Datasheet
165Kb / 13P
Low Power, Wide Bandwidth OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH80 STMICROELECTRONICS-TSH80 Datasheet
430Kb / 23P
Wide Band, Rail-to-Rail Operational Amplifier with Standby Function
Aug-2005
logo
National Semiconductor ...
LH0061 NSC-LH0061 Datasheet
60Kb / 2P
0.5 AMP WIDE BAND OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TSH60 STMICROELECTRONICS-TSH60 Datasheet
222Kb / 13P
Wide-Band, Low-Power Operational Amplifiers with Standby
Mar-2006
TSH80 STMICROELECTRONICS-TSH80_07 Datasheet
562Kb / 24P
Wide band rail-to-rail operational amplifier with standby function
24-Oct-2007
TSH94 STMICROELECTRONICS-TSH94_07 Datasheet
508Kb / 19P
High speed low power quad operational amplifier with standby position
27-Nov-2007
TSH80 STMICROELECTRONICS-TSH80_09 Datasheet
1Mb / 27P
Wide band rail-to-rail operational amplifier with standby function
19-May-2009
logo
Rochester Electronics
CA3078 ROCHESTER-CA3078 Datasheet
595Kb / 6P
Micropower Operational Amplifier Low Standby Power
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com