Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATC35 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATC35
Description  Cell-based ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATC35 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATC35 Datasheet HTML 6Page - ATMEL Corporation ATC35 Datasheet HTML 7Page - ATMEL Corporation ATC35 Datasheet HTML 8Page - ATMEL Corporation ATC35 Datasheet HTML 9Page - ATMEL Corporation ATC35 Datasheet HTML 10Page - ATMEL Corporation ATC35 Datasheet HTML 11Page - ATMEL Corporation ATC35 Datasheet HTML 12Page - ATMEL Corporation ATC35 Datasheet HTML 13Page - ATMEL Corporation ATC35 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ATC35 Summary
1063CS–CBIC–01/03
Compiled LROM
Megacells
The LROM (Large ROM) compiler allows the system designer to acheive high-density
and low-power applications. Multi-block megacells with total capacity up to 4M-bits can
be generated by the LROM compiler.
Compiled memories are diffusion-programmed ROMs with a synchronous access proto-
col, as is for the ROM. The compiler expects a programming file: lrom<xyz>.prg that
contains the LROM pattern. If the .prg file is not available, a random contents is auto-
matically generated. Unlike the ROM compiler, only buffered outputs can be acheived
using the LROM compiler.
The range of permitted LROM configurations is as follows:
Total size:
64K...4M
Number of words: 2K...512K
Bits per word:
8, 16 or 32
Number of address bits:11...19
The memory is organized in multiple blocks of 64K bits each.
Number of blocks:
1...32
Number of rows per block:
256
Number of columns per block: 256
I/O pins in compiled megacells are the following:
me input: Memory Enable.
add<i> inputs: Address.
do<i> outputs: buffered output data.
vdd and gnd: power and ground supplies.
The following table shows the performances for some LROM configurations. Access
time (t
ACC), cycle time (tCYC) and Dynamic Power dissipation refer to Max industrial
conditions.
Word Size = 16
Word Depth
16K
32K
64K
128K
Width (mm)
0.979
3.570
1.863
1.863
Height (mm)
0.858
0.539
1.716
3.078
Access Time (tACC) (nsec)
11.37
11.84
12.53
15.19
CycleTime(tCYC) (nsec)
14.15
14.40
15.30
19.14
Dynamic Power (mW/MHz)
0.26
0.56
0.75
0.90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com