Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0806 Datasheet(PDF) 4 Page - ATMEL Corporation

Part # T0806
Description  3-channel Laser Driver with RF Oscillator and 2 Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0806 Datasheet(HTML) 4 Page - ATMEL Corporation

  T0806 Datasheet HTML 1Page - ATMEL Corporation T0806 Datasheet HTML 2Page - ATMEL Corporation T0806 Datasheet HTML 3Page - ATMEL Corporation T0806 Datasheet HTML 4Page - ATMEL Corporation T0806 Datasheet HTML 5Page - ATMEL Corporation T0806 Datasheet HTML 6Page - ATMEL Corporation T0806 Datasheet HTML 7Page - ATMEL Corporation T0806 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
4522FS–DVD–11/05
T0806
Figure 2-2.
Pinning QFN16
Table 2-2.
Pin Description QFN16
Pin
Symbol
Type
Function
1
I3
Analog
Input current, bias voltage approximately GND
2
RF
Analog
External resistor to GND sets oscillator frequency
3
NE2
Digital
Digital control of channel 2 (low active)
4
NE3
Digital
Digital control of channel 3 (low active)
5
ENABLE
Digital
Enables output current (high active)
6
ENOSC
Digital
Enables RF oscillator (high active)
7
VCC2
Supply
+5V power supply for IOUT
8
SELA
Digital
High: selects IOUTA, RSA
Low: selects IOUTB, RSB
9
IOUTB
Analog
Output current source B for laser diode
10
RSB
Analog
External resistor to GND sets swing of oscillator B
11
RSA
Analog
External resistor to GND sets swing of oscillator A
12
GND
Supply
Ground
13
IOUTA
Analog
Output current source A for laser diode
14
VCC1
Supply
+5V power supply for IOUT and circuit
15
IR
Analog
Input current, bias voltage approximately GND
16
I2
Analog
Input current, bias voltage approximately GND
Paddle
GND
Supply
Ground
I3
RF
NE2
NE3
GND
RSA
RSB
IOUTB
16 15 14 13
5 6 7 8
1
2
3
4
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com