Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T0806 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # T0806
Description  3-channel Laser Driver with RF Oscillator and 2 Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T0806 Datasheet(HTML) 5 Page - ATMEL Corporation

  T0806 Datasheet HTML 1Page - ATMEL Corporation T0806 Datasheet HTML 2Page - ATMEL Corporation T0806 Datasheet HTML 3Page - ATMEL Corporation T0806 Datasheet HTML 4Page - ATMEL Corporation T0806 Datasheet HTML 5Page - ATMEL Corporation T0806 Datasheet HTML 6Page - ATMEL Corporation T0806 Datasheet HTML 7Page - ATMEL Corporation T0806 Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
4522FS–DVD–11/05
T0806
3.
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Value
Unit
Supply voltage
V
CC
–0.5 to +6.0
V
Input voltage at IR, I2, I3
V
IN1
–0.5 to +1.0
V
Input voltage at NE2, NE3, ENOSC
V
IN2
–0.5 to V
CC +0.5
V
Output voltage
V
OUT
–0.5 to V
CC –1
V
Total output current
I
OUT
350
mA
Output current per channel
I
OUT (IR, I2, I3)
300
mA
Power dissipation
P
MAX
0.7(1) to 1(2)
W
Junction temperature
T
J
150
°C
Storage temperature range
T
Stg
–65 to +125
°C
Notes:
1. R
thJA ≤115 K/W, Tamb = 70° C
2. R
thJA ≤115 K/W, Tamb = 25° C
4.
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
RthJA
135
K/W
5.
Recommended Operating Conditions
Parameters
Symbol
Value
Unit
Supply voltage range
VCC
4.5 to 5.5
V
Input current
IIR/II2/II3
< 3.0
mA
External resistor to GND to set oscillator
frequency
RF
> 3
k
Ω
External resistor to GND to set oscillator swing
RSA, RSB
> 1
k
Ω
Operating temperature range
Tamb
0 to +70
° C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com