Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0849 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATR0849
Description  4-Channel LVDS Laser Driver for Dual-layer Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0849 Datasheet(HTML) 3 Page - ATMEL Corporation

  ATR0849 Datasheet HTML 1Page - ATMEL Corporation ATR0849 Datasheet HTML 2Page - ATMEL Corporation ATR0849 Datasheet HTML 3Page - ATMEL Corporation ATR0849 Datasheet HTML 4Page - ATMEL Corporation ATR0849 Datasheet HTML 5Page - ATMEL Corporation ATR0849 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
4851BS–DVD–06/05
ATR0849
2.
Pin Configuration
Figure 2-1.
Pinning QFN24
RFB
RFA
NER
E2
NE2
E3
IOUTA
RSB
GND
RSA
IOUTB
ENABLE
18
17
16
15
14
13
1
2
3
4
5
6
24 23 22 21 20 19
78
9 10 11 12
Table 2-1.
Pin Description
Pin
Symbol
Type
Function
1
RFB
Analog
External resistor to GND sets frequency of oscillator B
2
RFA
Analog
External resistor to GND sets frequency of oscillator A
3
NER
Digital
Digital control of read channel (channel 1), active low
4
E2
Digital
Digital control of channel 2
5
NE2
Digital
Digital control of channel 2
6
E3
Digital
Digital control of channel 3
7
NE3
Digital
Digital control of channel 3
8
E4
Digital
Digital control of channel 4
9
NE4
Digital
Digital control of channel 4
10
ENOSC
Digital
Digital control of RF oscillator
11
VCC
Supply
+5V power supply
12
VCC
Supply
+5V power supply
13
ENABLE
Digital
Enables output current, active high
14
IOUTB
Analog
Output current source B for laser diode
15
RSA
Analog
External resistor to GND sets swing of oscillator A
16
GND
Supply
Ground, power supply
17
RSB
Analog
External resistor to GND sets swing of oscillator B
18
IOUTA
Analog
Output current source A for laser diode
19
SELA
Digital
High: selects IOUTA, RSA, RFA
Low: selects IOUTB, RSB, RFB
20
VCC
Supply
+5V power supply
21
IR
Analog
Input current, bias voltage approximately GND
22
I2
Analog
Input current, bias voltage approximately GND
23
I3
Analog
Input current, bias voltage approximately GND
24
I4
Analog
Input current, bias voltage approximately GND
Paddle
GND
Supply
Ground, negative power supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com