Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR0849 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0849
Description  4-Channel LVDS Laser Driver for Dual-layer Application
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0849 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0849 Datasheet HTML 1Page - ATMEL Corporation ATR0849 Datasheet HTML 2Page - ATMEL Corporation ATR0849 Datasheet HTML 3Page - ATMEL Corporation ATR0849 Datasheet HTML 4Page - ATMEL Corporation ATR0849 Datasheet HTML 5Page - ATMEL Corporation ATR0849 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
• Current-controlled Output Current Source with 4 Input Channels
• LVDS Compatible Inputs at Channels 2, 3 and 4 with On-chip 100
Ω Termination
• Separate Read-channel Enable
• Two Selectable Outputs for Grounded Laser Diodes
• Output Current per Channel up to 350 mA
• Total Output Current up to 600 mA
• On-chip RF Oscillator
• Control of 2 Different Swings and Frequencies by use of 4 External Resistors
• Oscillator Frequency Range from 200 MHz to 500 MHz
• Maximum Oscillator Current Amplitude 100 mApp
• Single 5V Power Supply
• Small Pb-free QFN24, 4 mm
× 4 mm Package
Applications
• DVD+/-RW Dual Layer with CD-RW Capability
• Recordable Optical Drives
1.
Description
The ATR0849 is a laser diode driver designed to operate two different grounded laser
diodes for DVD-RW/DVD+RW (650 nm) and CD-RW (780 nm). The device includes
four channels for four different optical power levels. The write channels (channels 2
to 4) can be controlled by fast LVDS (Low Voltage Differential Signaling).
The read channel generates a continuous output current, whereas channels 2 to 4 are
designed as write channels with very fast switching speed. All channels are summed
together and routed to one of the two outputs, IOUTA or IOUTB, controlled by the
select input, SELA. Each write channel (channel 2 to 4) can contribute up to 350 mA
to the total output current of up to 600 mA. The read channel can contribute up to
150 mA. Total gains of 100 (read channel) and 250 (channels 2, 3 and 4), are pro-
vided between each reference current input and the selected output. Although the
reference inputs are current inputs, voltage control is possible by using external resis-
tors. An on-chip RF oscillator is available to reduce laser-mode hopping noise during
read mode. The oscillator current amplitude can be set independently for the two
selectable outputs with two different resistors. Oscillation is enabled by a high signal
at the ENOSC pin. Complete shutdown of the output currents is achieved by a low sig-
nal at the ENABLE input.
In read mode, the reference currents (I2, I3, I4) should be switched off to reduce
power consumption.
In case of uncertain (balanced) enable signals, a built-in fail-safe circuit will reduce the
laser diode output current to a safe value.
4-Channel LVDS
Laser Driver for
Dual-layer
Application
ATR0849
Summary
Rev. 4851BS–DVD–06/05
Note: This is a summary document. A complete dorcument
is available under NDA. For more information, please con-
tact your local Atmel sales office.


Similar Part No. - ATR0849

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0841 ATMEL-ATR0841 Datasheet
134Kb / 6P
4-channel Laser Driver with 2 Outputs, 3 LVDS Inputs and Internal Termination
ATR0841-PFQG ATMEL-ATR0841-PFQG Datasheet
134Kb / 6P
4-channel Laser Driver with 2 Outputs, 3 LVDS Inputs and Internal Termination
More results

Similar Description - ATR0849

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6533 NSC-LMH6533 Datasheet
262Kb / 11P
Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
logo
Intersil Corporation
EL6833 INTERSIL-EL6833 Datasheet
97Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 15, 2004
logo
Analog Devices
AD9664 AD-AD9664 Datasheet
89Kb / 2P
4-Channel LVDS Dual-Output Laser Diode Driver with Oscillator
logo
Intersil Corporation
EL6839 INTERSIL-EL6839 Datasheet
102Kb / 2P
Dual 4-Channel Driver with Oscillator and LVDS
July 15, 2004
EL6835 INTERSIL-EL6835 Datasheet
107Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 1, 2003
EL6119 INTERSIL-EL6119 Datasheet
23Kb / 2P
Dual 4-Channel Laser Diode Driver Oscillator
June 15, 2004
EL6834 INTERSIL-EL6834 Datasheet
106Kb / 2P
Dual 4-Channel Driver with Oscillator & LVDS
July 15, 2004
logo
ATMEL Corporation
ATR0839 ATMEL-ATR0839 Datasheet
173Kb / 6P
4-Channel LVDS Laser Driver for Dual-layer Application
logo
ams AG
AS1154_V2 AMSCO-AS1154_V2 Datasheet
353Kb / 16P
Dual LVDS Driver
logo
Analog Devices
AD9665ACPZ-REEL7 AD-AD9665ACPZ-REEL7 Datasheet
447Kb / 17P
4-Channel, LVDS, Dual-Output, Laser Diode Driver with Oscillator
Rev. E
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com