Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC954 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC954
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 17Page - NXP Semiconductors P89LPC954 Datasheet HTML 18Page - NXP Semiconductors P89LPC954 Datasheet HTML 19Page - NXP Semiconductors P89LPC954 Datasheet HTML 20Page - NXP Semiconductors P89LPC954 Datasheet HTML 21Page - NXP Semiconductors P89LPC954 Datasheet HTML 22Page - NXP Semiconductors P89LPC954 Datasheet HTML 23Page - NXP Semiconductors P89LPC954 Datasheet HTML 24Page - NXP Semiconductors P89LPC954 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 5.
Extended special function registers
Name
Description
SFR
addr.
Bit functions and addresses
Reset value
MSB
LSB
Hex
Binary
ADC0HBND
ADC0 high_boundary
register, left (MSB)
FFEFH
FF
1111 1111
ADC0LBND
ADC0 low_boundary
register (MSB)
FFEEH
00
0000 0000
AD0DAT0R
ADC0 data register 0, right
(LSB)
FFFEH
AD0DAT0[7:0]
00
0000 0000
AD0DAT0L
ADC0 data register 0, left
(MSB)
FFFFH
AD0DAT0[9:2]
00
0000 0000
AD0DAT1R
ADC0 data register 1, right
(LSB)
FFFCH
AD0DAT1[7:0]
00
0000 0000
AD0DAT1L
ADC0 data register 1, left
(MSB)
FFFDH
AD0DAT1[9:2]
00
0000 0000
AD0DAT2R
ADC0 data register 2, right
(LSB)
FFFAH
AD0DAT2[7:0]
00
0000 0000
AD0DAT2L
ADC0 data register 2, left
(MSB)
FFFBH
AD0DAT2[9:2]
00
0000 0000
AD0DAT3R
ADC0 data register 3, right
(LSB)
FFF8H
AD0DAT3[7:0]
00
0000 0000
AD0DAT3L
ADC0 data register 3, left
(MSB)
FFF9H
AD0DAT3[9:2]
00
0000 0000
AD0DAT4R
ADC0 data register 4, right
(LSB)
FFF6H
AD0DAT4[7:0]
00
0000 0000
AD0DAT4L
ADC0 data register 4, left
(MSB)
FFF7H
AD0DAT4[9:2]
00
0000 0000
AD0DAT5R
ADC0 data register 5, right
(LSB)
FFF4H
AD0DAT5[7:0]
00
0000 0000
AD0DAT5L
ADC0 data register 5, left
(MSB)
FFF5H
AD0DAT5[9:2]
00
0000 0000
AD0DAT6R
ADC0 data register 6, right
(LSB)
FFF2H
AD0DAT6[7:0]
00
0000 0000
AD0DAT6L
ADC0 data register 6, left
(MSB)
FFF3H
AD0DAT6[9:2]
00
0000 0000
AD0DAT7R
ADC0 data register 7, right
(LSB)
FFF0H
AD0DAT7[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com