Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC954 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P89LPC954
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 28Page - NXP Semiconductors P89LPC954 Datasheet HTML 29Page - NXP Semiconductors P89LPC954 Datasheet HTML 30Page - NXP Semiconductors P89LPC954 Datasheet HTML 31Page - NXP Semiconductors P89LPC954 Datasheet HTML 32Page - NXP Semiconductors P89LPC954 Datasheet HTML 33Page - NXP Semiconductors P89LPC954 Datasheet HTML 34Page - NXP Semiconductors P89LPC954 Datasheet HTML 35Page - NXP Semiconductors P89LPC954 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
32 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
7.16 Reset
The P1.5/RST pin can function as either a digital input (P1.5), an active-LOW reset input
with an internal pull-up, a bidirectional reset input/output (open drain output with an
internal pull-up), or as push-pull reset output. These modes are selected by the RPE
(Reset Pin Enable) bit in UCFG1 and the RPE1 (Reset Pin Enable 1) bit in UCFG2.
Remark: During a power-up sequence, the RPE and RPE1 selection is overridden and
this pin always functions as a reset input. An external circuit connected to this pin
should not hold this pin LOW during a power-on sequence as this will keep the
device in reset. After power-up this pin will function as defined by the RPE and RPE1
bits. Only a power-up reset will temporarily override the selection defined by RPE and
RPE1 bits. Other sources of reset will not override the RPE and RPE1 bits.
Remark: During a power cycle, VDD must fall below VPOR before power is reapplied, in
order to ensure a power-on reset (see Table 11 “Static characteristics” on page 51).
Remark: When using an oscillator frequency above 12 MHz, the reset input function of
P1.5 must be enabled. An external circuit is required to hold the device in reset at
power-up until VDD has reached its specified level. When system power is removed VDD
will fall below the minimum specified operating voltage. When using an oscillator
frequency above 12 MHz, in some applications, an external brownout detect circuit may
be required to hold the device in reset when VDD falls below the minimum specified
operating voltage.
Reset can be triggered from the following sources:
• External reset pin (during power-up or if user configured via UCFG1, UCGF2);
• Power-on detect;
• Brownout detect;
• Watchdog timer;
• Software reset;
• UART break character detect reset.
For every reset source, there is a flag in the Reset Register, RSTSRC. The user can read
this register to determine the most recent reset source. These flag bits can be cleared in
software by writing a ‘0’ to the corresponding bit. More than one flag bit may be set:
• During a power-on reset, both POF and BOF are set but the other flag bits are
cleared.
• For any other reset, previously set flag bits that have not been cleared will remain set.
Table 8.
Reset pin modes
P1.5/RST mode
RPE1 (UCFG2.0) RPE (UCFG1.6)
General purpose input
0
0
Reset input with pull-up
0
1
Bidirectional reset input/output (open drain with pull-up)
1
0
Reset output
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com