Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH73CDT Datasheet(PDF) 20 Page - STMicroelectronics

Part # TSH73CDT
Description  WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH73CDT Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TSH73CDT Datasheet HTML 16Page - STMicroelectronics TSH73CDT Datasheet HTML 17Page - STMicroelectronics TSH73CDT Datasheet HTML 18Page - STMicroelectronics TSH73CDT Datasheet HTML 19Page - STMicroelectronics TSH73CDT Datasheet HTML 20Page - STMicroelectronics TSH73CDT Datasheet HTML 21Page - STMicroelectronics TSH73CDT Datasheet HTML 22Page - STMicroelectronics TSH73CDT Datasheet HTML 23Page - STMicroelectronics TSH73CDT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
TSH70, 71, 72, 73, 74, 75
20/25
Video Results:
Precautions on asymmetrical supply
operation:
The TSH7X can be used either with a dual or a
single supply. If a single supply is used, the inputs
are biased to the mid-supply voltage (+Vcc/2).
This bias network must be carefully designed, in
order to reject any noise present on the supply rail.
As the bias current is 15uA, you must carefully
choose the resistance R1 not to introduce an off-
set mismatch at the amplifier inputs.
R1=10K
Ω will be convenient. C1, C2, C3 are by-
pass capacitors from perturbation on Vcc as well
as for the input and output signals. We choose
C1=100nF and C2=C3=100uF.
R2, R3 are such that the current through them
must be superior to 100 times the bias current. So,
we take R2=R3=4.7K
Ω.
Cin, as Cout are chosen to filter the DC signal by
the lowpass filters (R1,Cin) and (Rout, Cout). By
taking
R1=10K
Ω, RL=150Ω, and Cin=2uF,
Cout=220uF we provide a cutoff frequency below
10Hz.
Use of the TSH7X in gain=-1 configuration:
Some precautions have to be added, specially for
low power supply application.
A feedback capacitance Cf should be added for
better stability. The table summarizes the impact
of the capacitance Cf on the phase margin of the
circuit.
Parameter
Value
Vcc=+-2.5V
Value
Vcc=+-5V
Unit
Lum NL
0.1
0.3
%
Lum NL Step 1
100
100
%
Lum NL Step 2
100
99.9
%
Lum NL Step 3
99.9
99.8
%
Lum NL Step 4
99.9
99.9
%
Lum NL Step 5
99.9
99.7
%
Diff Gain pos
0
0
%
Diff Gain neg
-0.7
-0.6
%
Diff Gain pp
0.7
0.6
%
Diff Gain Step1
-0.5
-0.3
%
Diff Gain Step2
-0.7
-0.6
%
Diff Gain Step3
-0.3
-0.5
%
Diff Gain Step4
-0.1
-0.3
%
Diff Gain Step5
-0.4
-0.5
%
Diff Phase pos
0
0.1
deg
Diff Phase neg
-0.2
-0.4
deg
Diff Phase pp
0.2
0.5
deg
Diff Phase Step1
-0.2
-0.4
deg
Diff Phase Step2
-0.1
-0.4
deg
Diff Phase Step3
-0.1
-0.3
deg
Diff Phase Step4
0
0.1
deg
Diff Phase Step5
-0.2
-0.1
deg
IN
R1
Vcc+
OUT
R2
R3
C1
C3
C2
Cin
Cout
+
-
Cf
R5
R4
RL
IN
R1
Vcc+
OUT
R2
R3
C1
C3
C2
Cin
Cout
+
-
1k
Cf
1k
RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com