Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH73CDT Datasheet(PDF) 23 Page - STMicroelectronics

Part # TSH73CDT
Description  WIDE BAND, LOW POWER OPERATIONAL AMPLIFIER WITH STANDBY FUNCTION
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH73CDT Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TSH73CDT Datasheet HTML 17Page - STMicroelectronics TSH73CDT Datasheet HTML 18Page - STMicroelectronics TSH73CDT Datasheet HTML 19Page - STMicroelectronics TSH73CDT Datasheet HTML 20Page - STMicroelectronics TSH73CDT Datasheet HTML 21Page - STMicroelectronics TSH73CDT Datasheet HTML 22Page - STMicroelectronics TSH73CDT Datasheet HTML 23Page - STMicroelectronics TSH73CDT Datasheet HTML 24Page - STMicroelectronics TSH73CDT Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
TSH70, 71, 72, 73, 74, 75
23/25
PACKAGE MECHANICAL DATA
14 PINS - PLASTIC MICROPACKAGE (SO)
PACKAGE MECHANICAL DATA
14 PINS - THIN SHRINK SMALL OUTLINE
PACKAGE (TSSOP)
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.75
0.069
a1
0.1
0.2
0.004
0.008
a2
1.6
0.063
b
0.35
0.46
0.014
0.018
b1
0.19
0.25
0.007
0.010
C
0.5
0.020
c1
45° (typ.)
D (1)
8.55
8.75
0.336
0.344
E
5.8
6.2
0.228
0.244
e
1.27
0.050
e3
7.62
0.300
F (1)
3.8
4.0
0.150
0.157
G
4.6
5.3
0.181
0.208
L
0.5
1.27
0.020
0.050
M
0.68
0.027
S
8° (max.)
Note : (1) D and F do not include mold flash or protrusions - Mold flash
or protrusions shall not exceed 0.15mm (.066 inc) ONLY FOR DATA
BOOK.
D
M
14
1
7
8
b
e3
e
E
LG
c1
s
Dim.
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.05
A1
0.05
0.15
0.01
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.15
c
0.09
0.20
0.003
0.012
D
4.90
5.00
5.10
0.192
0.196
0.20
E
6.40
0.252
E1
4.30
4.40
4.50
0.169
0.173
0.177
e
0.65
0.025
k0°
8°
0°
8°
l
0.50
0.60
0.75
0.09
0.0236 0.030
c
k
E
PIN 1 IDENTIFICATION
1
7
8
14
0,25 mm
.010 inch
GAGE PLANE
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com