Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000U/AB Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA2000U/AB
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000U/AB Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA2000U/AB Datasheet HTML 15Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 16Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 17Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 18Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 19Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 20Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 21Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 22Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
19 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
[1]
All coordinates are referenced, in
µm, to the center of the die (see Figure 2, Figure 13 and Figure 14).
[2]
The substrate (rear side of the chip) is connected to VSS. Therefore the die pad must be either floating or
connected to VSS.
[3]
Pad i.c. is used for factory tests; in normal operation it should be left open-circuit, and it has an internal
pull-down resistance to VSS.
Fig 14. Bare die outline PCA2000CX and PCA2001CX
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
PCA200xCX
WLCSP8: wafer level chip-size package; 8 bumps; 1.16 x 0.86 x 0.31 mm
PCA200xCX
UNIT
mm
max
nom
min
0.310
0.275
0.240
0.090
0.075
0.060
1.16
0.86
0.17
0.32
A
DIMENSIONS (mm are the original dimensions)
A1
A2
0.22
0.20
0.18
D
0.12
0.10
0.08
b
E
e1
e2
eD
0.96
0
0.5
1 mm
scale
X
detail X
A
A2
A1
D
b
e1
e2
E
eD
08-05-09
08-05-21
Table 12.
Bonding pad and solder bump locations
Symbol
Pad
Coordinates[1]
x
y
VSS[2]
1
−480
+330
i.c.[3]
2
−480
+160
OSCIN
3
−480
−160
OSCOUT
4
−480
−330
VDD
5
+480
−330
MOT1
6
+480
−160
MOT2
7
+480
+160
RESET
8
+480
+330



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com