Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA2000U/AB Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA2000U/AB
Description  32 kHz watch circuit with programmable adaptive motor pulse
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA2000U/AB Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA2000U/AB Datasheet HTML 7Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 8Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 9Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 10Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 11Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 12Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 13Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 14Page - NXP Semiconductors PCA2000U/AB Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
PCA2000_2001_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 11 November 2008
11 of 28
NXP Semiconductors
PCA2000; PCA2001
32 kHz watch circuit with programmable adaptive motor pulse
The instruction state ends with a second pulse to VP(prog)(stop) or with a pulse to Vstore.
In any case, the instruction states are terminated automatically 2 seconds after the last
supply modulation pulse.
7.8 Programming the memory cells
Applying the two-stage programming pulse (see Figure 7) transfers the stored data in the
shift register to the OTP cells.
Perform the following to program a memory word:
1. Starting with a VP(prog)(start) pulse wait for the time period t0 then set the instruction
counter to the word to be written (td = t1).
2. Enter the data to be stored in the shift register (td =t2 or t3). LSB first (bit 8) and the
MSB last (bit 1).
3. Applying the two-stage programming pulse Vprestore followed by Vstore stores the word.
The delay between the last data bit and the prestore pulse Vprestore is td =t4. Store the
word by raising the supply voltage to Vstore; the delay between the last data bit and the
store pulse is td.
The example shown in Figure 7 performs the following functions:
• Start
• Setting instruction counter to state 4 (word B)
• Entering data word 110101 into the shift register (sequence: LSB first and MSB last)
• Writing to the OTP cells for word B
The example shows the programming of B = 110101 (the sequence is LSB first and MSB last).
Fig 7.
Supply voltage modulation for programming
mgw356
VDD(nom)
VP(mod)
VDD
VSS
VP(prog)(start)
tp(start)
t0
t1 t1 t1
t3
t2
t3
t2
t3
t3
t4
tw(store)
Vstore
Vprestore
tw(prestore)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com