Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM221 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSM221
Description  DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM221 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSM221 Datasheet HTML 3Page - STMicroelectronics TSM221 Datasheet HTML 4Page - STMicroelectronics TSM221 Datasheet HTML 5Page - STMicroelectronics TSM221 Datasheet HTML 6Page - STMicroelectronics TSM221 Datasheet HTML 7Page - STMicroelectronics TSM221 Datasheet HTML 8Page - STMicroelectronics TSM221 Datasheet HTML 9Page - STMicroelectronics TSM221 Datasheet HTML 10Page - STMicroelectronics TSM221 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
COMPARATORS
ELECTRICAL CHARACTERISTICS
VCC
+ =3V, VCC- =0V, Tamb =25oC (unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage - (note 1)
Tmin.
≤ Tamb ≤ Tmax.
Vic = 1.5V
5
6.5
mV
Iio
Input Offset Current - (note 2)
Tmin.
≤ Tamb ≤ Tmax.
1
300
pA
Iib
Input Bias Current - (note 2)
Tmin.
≤ Tamb ≤ Tmax.
1
600
pA
VOH
High Level Output Voltage
Tmin.
≤ Tamb ≤ Tmax.
Vid = 1V,
Ioh = -4mA
2
1.8
2.4
V
VOL
Low Level Output Voltage
Tmin.
≤ Tamb ≤ Tmax.
Vid = -1V,
Ioh = 4mA
300
400
450
mV
Vicm
Input Common Mode Voltage
Tmin.
≤ Tamb ≤ Tmax.
0to VCC
+ -1.2
0to VCC
+ -1.5
CMR
Common Mode Rejection Ratio
Vic =Vicm min.
80
dB
SVR
Supply Voltage Rejection Ratio
VCC
+ = 5V to 10V
75
dB
Tplh
Response Time Low to High
Overdrive = 5mV
TTL input
Vic = 0V, f = 10kHz,
CL = 50pF
1.5
0.7
µs
Tphl
Response Time High to Low
Overdrive = 5mV
TTL input
Vic = 0V, f = 10kHz,
CL = 50pF
2.2
0.15
µs
Tf
Fall Time
f = 10kHz, CL = 50pF,
overdrive 50mV
30
ns
TR
Rise Time
f = 10kHz, CL = 50pF,
overdrive 50mV
30
ns
Note 1 : The specified offset voltage is the maximum value required to drive the output up to 4.5V or down to 0.3V.
Note 2 : Maximum values including unavoidable inaccuracies of the industrial test.
TSM221
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com