Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM221 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSM221
Description  DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSM221 Datasheet(HTML) 1 Page - STMicroelectronics

  TSM221 Datasheet HTML 1Page - STMicroelectronics TSM221 Datasheet HTML 2Page - STMicroelectronics TSM221 Datasheet HTML 3Page - STMicroelectronics TSM221 Datasheet HTML 4Page - STMicroelectronics TSM221 Datasheet HTML 5Page - STMicroelectronics TSM221 Datasheet HTML 6Page - STMicroelectronics TSM221 Datasheet HTML 7Page - STMicroelectronics TSM221 Datasheet HTML 8Page - STMicroelectronics TSM221 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TSM221
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER
AND DUAL CMOS COMPARATOR
December 1997
.
SINGLE SUPPLY OPERATION FROM
2.7V TO 16V
.
LOW SUPPLY CURRENT: 500
µA(VCC = 5V)
.
LATCH - UP IMMUNITY
OPERATIONAL AMPLIFIERS
.
RAIL TO RAIL INPUT AND OUTPUT
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA typ.
.
1MHz TYPICAL GAIN BANDWIDTH PRODUCT
.
SPECIFIED FOR 600
Ω OUTPUT LOAD
COMPARATORS
.
PUSH-PULL OUTPUT (no external pull-up resis-
tor required)
.
EXTREMELY LOW INPUT BIAS CURRENT :
1pA typ.
.
EXTREMELY LOW INPUT OFFSET
CURRENT : 1pA typ.
.
INPUT COMMON-MODE VOLTAGE RANGE IN-
CLUDES GROUND
.
HIGH INPUT IMPEDANCE : 10
12 typ.
.
FAST RESPONSE TIME : 2
µs TYP. FOR 5mV
OVERDRIVE
.
SPICE MACROMODEL INCLUDED IN THIS
SPECIFICATION
Inve rting Inp ut 2
Non-in ve rting Inp ut 2
Non-inve rting Inp ut 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Outp ut 3
Outp ut 4
Non-inve rting Inp ut 4
Inve rting Inp ut 4
Non-inve rting Inp ut 3
Inve rting Inp ut 3
-
+
-
+
-
+
-
+
Outp ut 1
Inve rting Inp ut 1
Outp ut 2
Op-a m p1
Op-a mp2
C omp1
Comp2
PIN CONNECTIONS (top view)
DESCRIPTION
The TSM221 is a space-saving monolithic IC which
includes a dual Rail to Rail op-amp and a micro-
power dual comparator, using a CMOS process.
This mixed circuit is a general purpose analogblock
for Telecom or Industrial applications, offering an
integrated high performances solution.
ORDER CODES
Part Number
Temperature Range
Package
ND
TSM221I
-40, +125
oC
••
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
1/11


Similar Part No. - TSM221

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
logo
Taiwan Semiconductor Co...
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
TSM22P10CIC0G TSC-TSM22P10CIC0G Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
More results

Similar Description - TSM221

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V912 STMICROELECTRONICS-TS3V912 Datasheet
117Kb / 11P
3V RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Oct-1997
TS912 STMICROELECTRONICS-TS912 Datasheet
102Kb / 12P
RAIL TO RAIL CMOS DUAL OPERATIONAL AMPLIFIER
Apr-1999
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704 Datasheet
52Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_06 Datasheet
217Kb / 19P
Rail-to-Rail CMOS Dual Operational Amplifier
Feb-2006
logo
Advanced Linear Devices
ALD2704A ALD-ALD2704A Datasheet
49Kb / 6P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912 STMICROELECTRONICS-TS912_07 Datasheet
205Kb / 18P
Rail-to-rail CMOS dual operational amplifier
16-Oct-2007
logo
Advanced Linear Devices
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2704 ALD-ALD2704_10 Datasheet
83Kb / 9P
DUAL RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TS912B STMICROELECTRONICS-TS912B Datasheet
1Mb / 21P
Rail-to-rail CMOS dual operational amplifier
06-Nov-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com