Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSM22P10CIC0G Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TSM22P10CIC0G Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TSM22P10CIC0G
Download  TSM22P10CIC0G Download
File Size   680.74 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description -100V P-Channel Power MOSFET

TSM22P10CIC0G Datasheet (PDF)

Go To PDF Page Download Datasheet
TSM22P10CIC0G Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TSM22P10CIC0G
Download  TSM22P10CIC0G Click to download

File Size   680.74 Kbytes
Page   7 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description -100V P-Channel Power MOSFET

TSM22P10CIC0G Datasheet (HTML) - Taiwan Semiconductor Company, Ltd




Similar Part No. - TSM22P10CIC0G

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TSM22 TRANSKO-TSM22 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD CMOS OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev 5: 02-24-2022
logo
Taiwan Semiconductor Co...
TSM220NB06CR TSC-TSM220NB06CR Datasheet
309Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
TSM220NB06LCR TSC-TSM220NB06LCR Datasheet
314Kb / 6P
N-Channel Power MOSFET 60V, 35A, 22m廓
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
Dec-1997
TSM221D STMICROELECTRONICS-TSM221D Datasheet
90Kb / 11P
DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
Dec-1997
More results


Similar Description - TSM22P10CIC0G

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
12P10 UTC-12P10_11 Datasheet
270Kb / 6P
9.4A, 100V P-CHANNEL POWER MOSFET
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
100V, 19A P-CHANNEL POWER MOSFET
UTT25P10 UTC-UTT25P10 Datasheet
152Kb / 3P
25A, 100V P-CHANNEL POWER MOSFET
UTT50P10 UTC-UTT50P10 Datasheet
127Kb / 2P
-50A, -100V P-CHANNEL POWER MOSFET
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF9530 UTC-UF9530 Datasheet
150Kb / 6P
-14A, -100V P-CHANNEL POWER MOSFET
UT23P09 UTC-UT23P09 Datasheet
171Kb / 6P
-23A, -100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK18P10D FS-FTK18P10D Datasheet
330Kb / 4P
-100V/-18A P-Channel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com