Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT23P09 Datasheet (PDF) - Unisonic Technologies

UT23P09 Datasheet PDF - Unisonic Technologies
Part # UT23P09
Download  UT23P09 Download
File Size   171.16 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -23A, -100V P-CHANNEL POWER MOSFET

UT23P09 Datasheet (PDF)

Go To PDF Page Download Datasheet
UT23P09 Datasheet PDF - Unisonic Technologies

Part # UT23P09
Download  UT23P09 Click to download

File Size   171.16 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description -23A, -100V P-CHANNEL POWER MOSFET

UT23P09 Datasheet (HTML) - Unisonic Technologies


UT23P09 Product details

DESCRIPTION
The UTC UT23P09 is a P-channel Power MOSFET, it uses UTC’s advanced technology to provide the customers with high switching speed and a minimum on-state resistance.
The UTC UT23P09 is suitable for all commercial-industrial applications, etc.

FEATURES
* RDS(ON)<0.117Ω @ VGS=-10V, ID=-11A
* High Switching Speed
* Dynamic dv/dt Rating




Similar Part No. - UT23P09

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
UT230-55 MARKTECH-UT230-55 Datasheet
269Kb / 4P
LEDs
UT230-55 MARKTECH-UT230-55_15 Datasheet
269Kb / 4P
LEDs
UT230-80 MARKTECH-UT230-80 Datasheet
269Kb / 4P
LEDs
UT230-80 MARKTECH-UT230-80_15 Datasheet
269Kb / 4P
LEDs
logo
Unisonic Technologies
UT2301 UTC-UT2301 Datasheet
184Kb / 4P
2.8A, 20V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Similar Description - UT23P09

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRF9150D INTERSIL-FRF9150D Datasheet
49Kb / 6P
23A, -100V, 0.140 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
logo
International Rectifier
IRF5EA1310 IRF-IRF5EA1310 Datasheet
238Kb / 7P
POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.036ohm, Id=23A)
IRF9540N IRF-IRF9540N Datasheet
125Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRF9540NS IRF-IRF9540NS Datasheet
187Kb / 10P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
IRFP9140N IRF-IRFP9140N Datasheet
142Kb / 8P
Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Unisonic Technologies
UTT70P10 UTC-UTT70P10 Datasheet
127Kb / 2P
70A, 100V P-CHANNEL POWER MOSFET
UF5210 UTC-UF5210 Datasheet
277Kb / 6P
-40A, -100V P-CHANNEL POWER MOSFET
UF9520S UTC-UF9520S Datasheet
177Kb / 5P
-6.8A, -100V P-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM22P10 TSC-TSM22P10 Datasheet
680Kb / 7P
-100V P-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P23LA10SL SHINDENGEN-P23LA10SL Datasheet
1Mb / 7P
Power MOSFETs 100V, 23A, N-channel
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com