Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT23P09 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT23P09
Description  -23A, -100V P-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT23P09 Datasheet(HTML) 3 Page - Unisonic Technologies

  UT23P09 Datasheet HTML 1Page - Unisonic Technologies UT23P09 Datasheet HTML 2Page - Unisonic Technologies UT23P09 Datasheet HTML 3Page - Unisonic Technologies UT23P09 Datasheet HTML 4Page - Unisonic Technologies UT23P09 Datasheet HTML 5Page - Unisonic Technologies UT23P09 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UT23P09
Preliminary
POWER MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-844.a
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=-250µA
-100
V
Breakdown Voltage Temperature
Coefficient
∆BVDSS/∆TJ Reference to 25°C, ID=-1mA
-0.11
V/°C
Drain-Source Leakage Current
IDSS
VDS=-100V, VGS=0V
-25
µA
VDS=-80V, VGS=0V, TJ=150°C
-250
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=20V, VDS=0V
100
nA
Reverse
VGS=-20V, VDS=0V
-100
nA
ON CHARACTERISTICS
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-11A (Note 5)
0.117
Ω
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=-250µA
-2.0
-4.0
V
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=-25V, f=1.0MHz
1300
pF
Output Capacitance
COSS
400
pF
Reverse Transfer Capacitance
CRSS
240
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
ID=-11A, VDS=-80V, VGS=-10V,
(Note 5)
97
nC
Gate-to-Source Charge
QGS
15
nC
Gate-to-Drain ("Miller") Charge
QGD
51
nC
Turn-ON Delay Time
tD(ON)
VDD=-50V, ID=-11A, RG=5.1Ω
RD=4.2Ω, (Note 5)
15
ns
Rise Time
tR
67
ns
Turn-OFF Delay Time
tD(OFF)
51
ns
Fall Time
tF
51
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body Diode Continuous
Source Current
IS
-23
A
Maximum Body-Diode Pulsed Current
(Note 2)
ISM
-76
A
Drain-Source Diode Forward Voltage
VSD
TJ=25°C, IS=-11A, VGS=0V
(Note 5)
-1.6
V
Body Diode Reverse Recovery Time
tRR
TJ=25°C, IF=-11A, di/dt=-100A/µs
(Note 5)
150
220
ns
Body Diode Reverse Recovery Charge
QRR
830
1200
nC
Note: 5. Pulse width≤300µs; duty cycle≤2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com